Electronic Components Datasheet Search
  English  ▼

X  

LM5033 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5033
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5033 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5033 Datasheet HTML 3Page - Texas Instruments LM5033 Datasheet HTML 4Page - Texas Instruments LM5033 Datasheet HTML 5Page - Texas Instruments LM5033 Datasheet HTML 6Page - Texas Instruments LM5033 Datasheet HTML 7Page - Texas Instruments LM5033 Datasheet HTML 8Page - Texas Instruments LM5033 Datasheet HTML 9Page - Texas Instruments LM5033 Datasheet HTML 10Page - Texas Instruments LM5033 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
0
20
40
60
80
100
0
2
4
6
8
10
VIN (V)
Output Load = 1500 pF
Pin 10 = 0V
Output Load = 0 pF
10
11
12
13
14
15
0
2
4
6
8
10
12
VCC (V)
Output Load = 1500 pF
Output Load = 0
SS Pin = 0V
0
5
10
15
20
25
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IREF (mA)
0
1.0
2.0
3.0
4.0
5.0
0
10
20
30
40
50
COMP PIN VOLTAGE - PIN 3 (V)
LM5033
www.ti.com
SNVS181B – APRIL 2004 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Output Duty Cycle
vs
VREF
Comp Voltage
vs
RT = 16.5kΩ
IREF
Figure 9.
Figure 10.
ICC
IIN
vs
vs
VCC
VIN
(VCC Powered Externally)
(VCC Not Powered Externally)
Figure 11.
Figure 12.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com