Electronic Components Datasheet Search
  English  ▼

X  

LP62S161024 Datasheet(PDF) 14 Page - AMIC Technology

Part # LP62S161024
Description  16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S161024 Datasheet(HTML) 14 Page - AMIC Technology

Back Button LP62S161024 Datasheet HTML 8Page - AMIC Technology LP62S161024 Datasheet HTML 9Page - AMIC Technology LP62S161024 Datasheet HTML 10Page - AMIC Technology LP62S161024 Datasheet HTML 11Page - AMIC Technology LP62S161024 Datasheet HTML 12Page - AMIC Technology LP62S161024 Datasheet HTML 13Page - AMIC Technology LP62S161024 Datasheet HTML 14Page - AMIC Technology LP62S161024 Datasheet HTML 15Page - AMIC Technology LP62S161024 Datasheet HTML 16Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LP62S161024 Series
PRELIMINARY
(November, 2014, Version 0.0)
14
AMIC Technology, Corp.
Low VCC Data Retention Waveform (1) ( CS1 Controlled)
VCC
CS1
tCDR
VIH
2.7V
tR
VIH
2.7V
DATA RETENTION MODE
tVR
VDR
≥ 2.0V
CS1
≥ VDR - 0.2V
Low VCC Data Retention Waveform (2) (CS2 Controlled)
VCC
CS2
tCDR
VIL
2.7V
tR
VIL
2.7V
DATA RETENTION MODE
tVR
VDR
≥ 2.0V
0.2V
CS2
≤
Ordering Information
Part No.
Access Time(ns)
Operating Current
Max.(mA)
Standby Current
Max.(uA)
Package
LP62S161024V-55LL(I)F
48L Pb-Free TSOP (I)
LP62S161024U-55LL(I)F
55
50
20
48L Pb-Free CSP
LP62S161024V-70LL(I)F
48L Pb-Free TSOP (I)
LP62S161024U-70LL(I)F
70
50
20
48L Pb-Free CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com