Electronic Components Datasheet Search
  English  ▼

X  

XL3003 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # XL3003
Description  4A 220KHz 36V Buck LED Constant Current Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL3003 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button XL3003 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 10Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 11Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 12Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 13Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
XLSEMI
Datasheet
4A 220KHz 36V Buck LED Constant Current Driver
XL3003
Rev 1.2
www.xlsemi.com
11
Typical System Application (PWM DIMMING)
PWM dimming function can be used in typical system application with external components.
Changing the duty cycle of PWM signal can get different LED current. The PWM signal high
voltage above 3.3V(referenced to ground, lower than VIN), Low voltage below 0.2V(referenced
to ground).
Figure19. XL3003 System Parameters Test Circuit (PWM DIMMING)
Typical System Application (LED OVP)
LED OVP function can be used in typical system application with external components. The
output voltage can be limited in a suitable value by choose different zener diode when the output
LED open. the zener diode voltage choosed by output led voltage's 1.3 times.
Figure19. XL3003 System Parameters Test Circuit (LED OVP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com