Electronic Components Datasheet Search
  English  ▼

X  

XL3003 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # XL3003
Description  4A 220KHz 36V Buck LED Constant Current Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL3003 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button XL3003 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 10Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 11Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 12Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 13Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
XLSEMI
Datasheet
4A 220KHz 36V Buck LED Constant Current Driver
XL3003
Rev 1.2
www.xlsemi.com
12
Schottky Diode Selection Table
Current
Surface
Mount
Through
Hole
VR (The same as system maximum input voltage)
20V
30V
40V
50V
60V
1A
√
1N5817
1N5818
1N5819
√
1N5820
1N5821
1N5822
√
MBR320
MBR330
MBR340 MBR350
MBR360
√
SK32
SK33
SK34
SK35
SK36
√
30WQ03
30WQ04 30WQ05
√
31DQ03
31DQ04
31DQ05
3A
√
SR302
SR303
SR304
SR305
SR306
√
1N5823
1N5824
1N5825
√
SR502
SR503
SR504
SR505
SR506
√
SB520
SB530
SB540
SB550
SB560
5A
√
50WQ03
50WQ04 50WQ05
8A
√
SR820
SR830
SR840
SR850
SR860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com