Electronic Components Datasheet Search
  English  ▼

X  

XL3003 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XL3003
Description  4A 220KHz 36V Buck LED Constant Current Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL3003 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XL3003 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
XLSEMI
Datasheet
4A 220KHz 36V Buck LED Constant Current Driver
XL3003
Rev 1.2
www.xlsemi.com
5
XL3003 Electrical Characteristics
Ta = 25℃;unless otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max. Unit
System parameters test circuit figure4
VCS
Current
Sense
Voltage
Vin = 8V to 36V, Vout=6.4V
Iload=0.1A to 3A
203.7
210
216.3
mV
ŋ
Efficiency
Vin=12V ,Vout=10V
Iout=0.3A
-
95
-
%
ŋ
Efficiency
Vin=24V ,Vout=16V
Iout=1A
-
96
-
%
ŋ
Efficiency
Vin=36V ,Vout=19V
Iout=1A
-
95
-
%
Electrical Characteristics (DC Parameters)
Vin = 12V, GND=0V, Vin & GND parallel connect a 100uf/50V capacitor; Iout=500mA, Ta =
25℃; the others floating unless otherwise specified.
Parameters
Symbol
Test Condition
Min. Typ.
Max.
Unit
Input operation voltage
Vin
8
36
V
VIN UVLO
Vin_uvlo
5
V
Quiescent Supply Current
Iq
VCS=Vin
2.1
5
mA
Oscillator Frequency
Fosc
187
220
253
KHz
Output Short Frequency
Fosp
48
60
72
KHz
Switch Current Limit
IL
VCS=0
6
A
Max. Duty Cycle
DMAX
VCS=0V
100
%
Output Power PMOS
Rdson
VCS=0V, Vin=12V,
ISW=4A
60
80
mohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com