Electronic Components Datasheet Search
  English  ▼

X  

LX1571 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1571
Description  PHASE MODULATED AC SYNCHRONOUS SECONDARY-SIDE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1571 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1571 Datasheet HTML 1Page - Microsemi Corporation LX1571 Datasheet HTML 2Page - Microsemi Corporation LX1571 Datasheet HTML 3Page - Microsemi Corporation LX1571 Datasheet HTML 4Page - Microsemi Corporation LX1571 Datasheet HTML 5Page - Microsemi Corporation LX1571 Datasheet HTML 6Page - Microsemi Corporation LX1571 Datasheet HTML 7Page - Microsemi Corporation LX1571 Datasheet HTML 8Page - Microsemi Corporation LX1571 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PHASE MODULATED AC SYNCHRONOUS SECONDARY-SIDE CONTROLLER
LX1570/1571
PRODUCT DA T ABOOK 1996/1997
Copyright © 1997
Rev. 0.9.3
1/97
4
P RELIMINAR Y D AT A S HEET
S.S.
1
V
FB
2
COMP
3
C.S.
4
GND
5
OUT
6
DRV
V
CC
7
C
T
8
This pin acts as the soft-start pin. A capacitor connected from this pin to GND allows slow ramp up of the NI input
resulting in output soft start during start up. This pin is clamped to the internal voltage reference during the normal
operation and sets the reference for the feedback regulator.
This pin is the inverting input of the Error Amplifier. It is normally connected to the switching power supply output
through a resistor divider to program the power supply voltage. This pin instead of the NI pin is internally trimed to
1% tolerance to include the offset voltage error of the error amp.
This pin is the Error Amplifier output and is made available for loop compensation. Typically a series R&C network
is connected from this pin to GND.
A voltage proportional to the inductor current is sensed by an external sense resistor (1570) or current transformer (1571)
in series with the return line and is connected to this pin. The output drive is terminated and latched off when this voltage
amplified by the internal gain (see option table) exceeds the voltage set by the E.A output voltage. The maximum
allowable voltage at this pin during normal operation is -0.8V typ for LX1570 and 6V typ for LX1571.
This pin is combined control circuitry and power GND. All other pins must be positive with respect to this pin, except
for C.S pin.
This pin drives a gate drive transformer which drives the power mosfet. A Schottky diode such as 1N5817 must be
connected from this pin to GND in order to prevent the substrate diode conduction.
This pin is the positive supply voltage for the control IC. A high frequency capacitor must be closely placed and
connected from this pin to GND to provide the turn-on and turn-off peak currents required for fast switching of the power
Mosfet.
The free running oscillator frequency is programmed by connecting a capacitor from this pin to GND.
Pin
#
Description
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
Rise / Fall Time
t
R / tF
C
L = 1000pF
Output HI
V
DH
I
SOURCE = 200mA, VCS = 0V, VFB = 2.3V
Output LO
V
DL
I
SINK = 200mA, VCS = 1.2V, VFB = 2.3V
Output Pull Down
V
DPD
V
CC = 0V, IPULL UP = 2mA
ELECTRICAL CHARACTERISTICS
(Con't.)
Parameter
Symbol
Test Conditions
Units
LX1570/1571
Min.
Typ.
Max.
1.7
2.0
2.4
V
52
54
56
%
E.A. Output to PWM Drive Offset
V
OFS
Fixed Duty Cycle
D
UVLO Section
15
16
17
V
910
11
V
5.5
6
6.5
V
Start-Up Threshold
V
ST
Turn Off Threshold
V
OFF
Hysterises
V
H
Supply Current Section
Dynamic Operating Current
I
Qd
Out Freq = 100kHz, C
L = 0
Start-Up Current
I
ST
18
30
mA
150
250
µA
50
ns
13.5
V
0.8
V
1V
PWM Section
Output Drive Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com