Electronic Components Datasheet Search
  English  ▼

X  

LX1571 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1571
Description  PHASE MODULATED AC SYNCHRONOUS SECONDARY-SIDE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1571 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1571 Datasheet HTML 3Page - Microsemi Corporation LX1571 Datasheet HTML 4Page - Microsemi Corporation LX1571 Datasheet HTML 5Page - Microsemi Corporation LX1571 Datasheet HTML 6Page - Microsemi Corporation LX1571 Datasheet HTML 7Page - Microsemi Corporation LX1571 Datasheet HTML 8Page - Microsemi Corporation LX1571 Datasheet HTML 9Page - Microsemi Corporation LX1571 Datasheet HTML 10Page - Microsemi Corporation LX1571 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PHASE MODULATED AC SYNCHRONOUS SECONDARY-SIDE CONTROLLER
LX1570/1571
PRODUCT DA T ABOOK 1996/1997
7
Copyright © 1997
Rev. 0.9.3
1/97
P RELIMINAR Y D AT A S HEET
IC DESCRIPTION
STEADY-STATE OPERATION
Steady-state operation is best described by referring to the main
block diagram and the typical application circuit shown in Fig-
ure 2. The output drive turns the external power MOSFET on
and current ramps up in the inductor. Inductor current is sensed
with an external resistor (or in the case of LX1571 with a current
transformer) and is compared to the threshold at the inverting
input of the current sense (C.S.) comparator. This threshold is
set by the voltage feedback loop, which is controlled by the
error amplifier. Exceeding this threshold resets the PWM latch
and turns the MOSFET off. The Output drive goes low, turning
the C
T charging curr ent off and the discharging current on, caus-
ing the C
T voltage to ramp down. When this voltage goes below
1.5V, it sets the PWM latch and turns the output drive back on
prior to the next rising edge of the transformer voltage, and the
cycle repeats.
The Steady-State Operation Timing Diagram - Normal Mode
(Figure 4A) shows typical waveforms in the steady-state condi-
tion. Notice that when the current sense signal turns the MOSFET
off, it also synchronizes the output drive to the transformer volt-
age (see discussion under heading Timing Section). In addition,
the energy transfer occurs only when both transformer voltage
and OUT DRV pin are "HI" at the same time, establishing the
effective on-time of the converter. This shows that the regula-
tion of this converter is achieved by modulating the trailing edge
of the output drive with respect to the leading edge of the AC
voltage, while maintaining a fixed output drive duty cycle. In
other words, the converter duty cycle seen by L1 is controlled by
varying the phase between the AC voltage and the output driver
signal (phase modulation). Maximum converter duty cycle is
achieved when both signals are in phase, as shown in Figure 4B.
The LX1570/71 output drive always maintains a fixed duty cycle
(
≈54%), since both charge and discharge currents are almost equal
as shown in Figures 4A and 4B.
Error Amp
2.5V
C.S. Comp
R
S
Q
PWM Latch
7
6
5 GND
V
CC
OUT DRV
R
Internal
Bias
2.5V
REF
1V
5V
2.5V
4
3
2
1
S.S.
V
FB
COMP
C.S.
8
C
T
Timing / Duty Cycle
Control
CHG
CONTROL
LATCH
SET CONTROL
DISCH
CONTROL
FIGURE 3 — STEADY-STATE OPERATION BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com