Electronic Components Datasheet Search
  English  ▼

X  

LX1571 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1571
Description  PHASE MODULATED AC SYNCHRONOUS SECONDARY-SIDE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1571 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1571 Datasheet HTML 1Page - Microsemi Corporation LX1571 Datasheet HTML 2Page - Microsemi Corporation LX1571 Datasheet HTML 3Page - Microsemi Corporation LX1571 Datasheet HTML 4Page - Microsemi Corporation LX1571 Datasheet HTML 5Page - Microsemi Corporation LX1571 Datasheet HTML 6Page - Microsemi Corporation LX1571 Datasheet HTML 7Page - Microsemi Corporation LX1571 Datasheet HTML 8Page - Microsemi Corporation LX1571 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PHASE MODULATED AC SYNCHRONOUS SECONDARY-SIDE CONTROLLER
LX1570/1571
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1997
Rev. 0.9.3
1/97
P RELIMINAR Y D AT A S HEET
APPLICA TION INFORMA TION
V
OUT (-)
V
OUT (+)
C9
1500µF
L1
10µH (PE53700)
D1 1/2
D1 2/2
MBR2545CT
C2
0.1µF
D4
1N4148
R4
47
AC(+)
AC(-)
20-30V, 100-150kHz
Secondary Transformer
Q1
IRLZ44
T2
See Note 1
OUT DRV
U1
LX1570
8
C8
1000pF
C5
1µF
C10
1500µF
C11
1500µF
C12
1500µF
MBR2545CT
R5
0.02, 5W
3.3V / 7A
See Note 2
C1
0.1µF, 50V
D8
1N4937
300, 2W
R2
100kHz - 150kHz
20V-30V
1
7
2
6
3
5
4
V
CC
C
T
GND
C.S.
COMP
V
FB
S.S.
C4
0.047µF
R11
1.1k
R15
1M
V
IN (17 to 20V)
R6
324, 1%
R7
1k, 1%
R10
5k
1%
FIGURE 1 — THE LX1570 IN A TYPICAL 3.3V / 7A SECONDARY-SIDE POWER SUPPLY APPLICATION
Note 1. T2 Core = RM4Z
Np = 25T #28AWG
Ns = 25T #28AWG
2. For further information on PE53700 and PE64978,
contact Pulse Engineering at (619) 674-8100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com