Electronic Components Datasheet Search
  English  ▼

X  

LX8580 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8580
Description  7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8580 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8580 Datasheet HTML 1Page - Microsemi Corporation LX8580 Datasheet HTML 2Page - Microsemi Corporation LX8580 Datasheet HTML 3Page - Microsemi Corporation LX8580 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
LX8580
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 1.0 11/99
P RODUCTION D ATA S HEET
Reference Voltage
V
REF
V
CTRL = 2.75V, VPWR = 2V, ILOAD = 10mA, TJ = 25°C
V
CTRL = 2.7V to 6V, VPWR = 1.75V to 5.5V, IOUT = 10mA to 4A
V
CTRL = 2.7V to 6V, VPWR = 2.05V to 5.5V, IOUT = 10mA to 7A
Line Regulation
∆V
REF (VIN)
V
CTRL = 2.5V to 12V, VPWR = 1.75V to 5.5V, ILOAD = 10mA, TJ = 25°C
V
CTRL = 2.5V to 12V, VPWR = 1.75V to 5.5V, ILOAD = 10mA
Load Regulation
∆V
REF
(I
OUT)
V
CTRL
= 2.75V, V
PWR = 2.1V, ILOAD = 10mA to 7A (VADJ = 0)
Thermal Regulation
∆V
OUT (Pwr)
30ms Pulse
Thermal Resistance
RθJT
Control Circuitry/Power Transistor
Ripple Rejection
V
CTRL = VPWR = 3.75V Avg, VRIPPLE = 1VP-P, VADJ = 0V, IOUT = 4A
Control Pin Current (Note 3)
I
CTRL
V
CTRL
= 2.75V, V
PWR = 2.05V, ILOAD = 100mA
V
CTRL
= 2.75V, V
PWR = 2.05V, ILOAD = 4A
V
CTRL
= 2.75V, V
PWR = 1.75V, ILOAD = 4A
V
CTRL
= 2.75V, V
PWR = 2.05V, ILOAD = 7A
Adjust Pin Current
I
ADJ
V
CTRL
= 2.75V, V
PWR = 2.05V, ILOAD = 0mA (VADJ = 0)
Current Limit
Iθ(MAX)
V
CTRL
= 2.75V, V
PWR = 2.05V, ∆VOUT = 100mV (VADJ = 0)
Dropout Voltage (Control Section)
V
CTRL - VOUT
V
PWR = 2.05V, ILOAD = 100mA
Minimum V
CTRL (Note 2)
V
PWR = 2.05V, ILOAD = 1A
(V
PWR - VOUT)VPWR = 2.05V, ILOAD = 2.75A
V
PWR = 2.05V, ILOAD = 4A
V
PWR = 2.05V, ILOAD = 7A
Dropout Voltage (Power Section)
V
PWR - VOUT
V
CTRL
= 2.75V, I
LOAD = 100mA
Minimum V
PWR (Note 2)
V
CTRL
= 2.75V, I
LOAD = 1A
(V
PWR - VOUT)VCTRL
= 2.75V, I
LOAD = 2.75A
(V
ADJ = 0)
V
CTRL
= 2.75V, I
LOAD = 4A, TJ = 25°C
V
CTRL
= 2.75V, I
LOAD = 4A
V
CTRL
= 2.75V, I
LOAD = 7A, TJ = 25°C
V
CTRL
= 2.75V, I
LOAD = 7A
Minimum Load Current
V
CTRL
= 5V, V
PWR = 3.3V, VADJ = 0V
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures 0°C
≤ T
A ≤ 125°C.
Low duty cycle pulse testing
techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
Parameter
Symbol
Test Conditions
Units
LX8580
Min.
Typ.
Max.
1.243
1.250
1.257
V
1.237
1.250
1.263
V
1.237
1.250
1.263
V
13
m V
26
m V
27
m V
0.002
0.020
%/W
0.65
2.70
°C/W
60
80
d B
310
mA
30
60
mA
33
70
mA
60
120
mA
60
120
µA
7.1
9
A
0.90
1.15
V
1.00
1.15
V
1.05
1.18
V
1.06
1.20
V
1.10
1.30
V
0.05
0.17
V
0.10
0.22
V
0.20
0.38
V
0.30
0.40
V
0.30
0.50
V
0.52
0.62
V
0.56
0.80
V
510
mA
Note 2.
Dropout is caused by either minimum control voltage (V
CTRL) or minimum power voltage (VPWR). Both parameters are specified with respect to
the output voltage. The specifications represent the minimum input/output voltage required to maintain 1% regulation.
Note 3.
The control pin current is the drive current required for the output transistor. This current will track output current with roughly a 1:100 ratio.
The minimum value is equal to the quiescent current of the device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com