Electronic Components Datasheet Search
  English  ▼

X  

LX8580 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8580
Description  7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8580 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8580 Datasheet HTML 1Page - Microsemi Corporation LX8580 Datasheet HTML 2Page - Microsemi Corporation LX8580 Datasheet HTML 3Page - Microsemi Corporation LX8580 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
LX8580
PRODUCT DA T ABOOK 1996/1997
2
P RODUCTION D ATA S HEET
Copyright © 1999
Rev. 1.0 11/99
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Power Dissipation ...................................................................................... Internally Limited
V
PWR Input Voltage ........................................................................................................... 7V
V
CTRL Input Voltage ......................................................................................................... 13V
Operating Junction Temperature
Plastic (P Package) ................................................................................................ 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................. 300°C
PACKAGE PIN OUTS
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect
to Ground. Currents are positive into, negative out of the specified terminal.
BLOCK DIAGRAM
Current
Limiting
Amplifier
Thermal Overload
Voltage
Regulation
Amplifier
Power
OUTPUT
SENSE
ADJUST
V
REF
Control
V
CTRL
V
PWR
V
PWR
V
CTRL
OUTPUT
ADJUST
SENSE
P PACKAGE
(Top View)
1
5
TAB IS OUTPUT
DD PACKAGE
(Top View)
V
PWR
V
CTRL
OUTPUT
ADJUST
SENSE
3
2
1
4
5
TAB IS OUTPUT
P PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
3.0°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
60°C/W
DD PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
3.0°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
60°C/W
Junction Temperature Calculation: T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
THERMAL DATA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com