Electronic Components Datasheet Search
  English  ▼

X  

LX8580 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8580
Description  7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8580 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8580 Datasheet HTML 1Page - Microsemi Corporation LX8580 Datasheet HTML 2Page - Microsemi Corporation LX8580 Datasheet HTML 3Page - Microsemi Corporation LX8580 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
KEY FEA TURES
I
I
I
I
I Low Dropout, 800mV Max. at 7A
Output Current in Dual Supply Mode
I
I
I
I
I Fast Transient Response
I
I
I
I
I Remote Sensing
! 1mV Load Regulation
! Adjustable Output
! No Supply Sequencing Problems in Dual
Supply Mode
The LX8580 is a high-performance, very
low dropout voltage regulator, designed for
use with advanced microprocessors. This
product can be used with separate voltage
supplies for the control and power sections,
allowing a power section dropout voltage
as low as 100mV. The LX8580 can also be
used in a single voltage supply configuration,
with a dropout performance similar to that
of the LX8584 (1.3V at 7A).
The LX8580 is supplied in a five-
terminal TO-220 package, which allows the
APPLICATIONS
I Microprocessor Supplies
I 3.3V to 2.5V Processor Power Supplies
I High-Current Regulators
I Post Regulators for Switching Supplies
7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
LX8580
PACKAGE ORDER INFORMATION
T
A (°C)
Plastic TO-220
5-pin
P
0 to 125
0.1V - 0.8V
LX8580-00CP
LX8580-00CDD
Dropout
Voltage
PRODUCT HIGHLIGHT
R
A
LOAD
5
ADJUST
1
4
3
V
CTRL ³
V
OUT + 1.3V Max
V
PWR ³
V
OUT + VDROPOUT
R
B
LX8580
V
OUT
V
CTRL
V
PWR
2
SENSE
OUTPUT
SPECIAL CAPABILITIES OF THE LX8580 TO ALLOW 44%
SMALLER LDO THERMAL DISSIPATION
implementation of remote (Kelvin) voltage
sensing. This sensing compensates for
output voltage variations due to load
changes and resistive voltage drops in
connectors and board traces. Typical load
regulation measured at the sense pin is less
than 1mV for a load current step of 7mA
to 7A.
The LX8580 is ideal for generating a
secondary 2 - 2.5V low voltage supply on a
motherboard where a 3.3V supply is already
available.
NOTE: For current data & package dimensions, visit our web site: http://www.linfinity.com.
Copyright © 1999
Rev. 1.0 11/99
1
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
L IN F INITY
M ICROELECTRONICS
I NC .
V
OUT = VREF
1 +
+ I
ADJ x RB
R
B
R
A
Plastic TO-263
5-pin
DD


Similar Part No. - LX8580

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
LX8580A-00CDD MICROSEMI-LX8580A-00CDD Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
LX8580A-00CDF MICROSEMI-LX8580A-00CDF Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
LX8580A-00CP MICROSEMI-LX8580A-00CP Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
More results

Similar Description - LX8580

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
7A Adjustable/Fixed Low Dropout Linear Regulator
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
7A, Very Low Dropout Regulator
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
74802 VISHAY-74802 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
logo
Linear Technology
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
7A, Very Low Dropout Regulator
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
7A, Very Low Dropout Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com