Electronic Components Datasheet Search
  English  ▼

X  

QS7779CM Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # QS7779CM
Description  3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7779CM Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  QS7779CM Datasheet HTML 1Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 2Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 3Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 4Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
QS7779PM/CM
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
Number
Name
I/O
Description
P arallel
Serial
1
Q X A C 3
I
Capacitor 3 fo r QEXPANDER fi lter A
2
Q X A C 2
I
Capacitor 2 fo r QEXPANDER fi lter A
3
Q X A C 1
I
Capacitor 1 fo r QEXPANDER fi lter A
4
R I N
I
Right channel signal input
5
LIN
I
Left channel signal input
6
COUT
O
Decoded center signal output
7
C I N
I
Center signal input for summing with the right and the left signal outputs
8
VREFIN
O
Internally generated reference voltage (VCC /2)
9
VREFOUT
O
Buffered reference voltage (VCC /2)
1 0
VREF
I
Signal reference input
1 1
G N D
–
Ground 0V
12
SPRD
–
I
Enhancement control (H: spread maximum, L: spread minimu m )
–
SCL 1
1. QS7779CM :CMOS input. No protective diode between the terminal and V D D.
QS7779PM :CMOS input. Protective diode is in between the terminal and V D D.
I
Ser ial data shift clock
13
B Y P
–
I
Bypass control (H: Bypass on, L: Qsurround on)
–
SD A 2
2. QS7779CM :Nch open drain terminal. No protective diode between terminal and V D D.
QS7779PM :CMOS input. Protective diode is in between the terminal and V D D.
I/O
Ser ial data input. ACK data output for I2C (QS7779CM)
1 4
P / S
I
Interface mode control (H: parallel I/O, L: serial I/O)
1 5
V D D
–
Digital pow er supply DC4.5 to 5.5V
16
MUTE
–
I
Output mute control (H: mute on, L: mute off)
–
STRB
I
Ser ial data strobe (not applicable to I2C of QS7779CM)
1 7
LOUT
O
Left signal output
1 8
R O U T
O
Right signal output
1 9
QXBC4
I
Capacitor 4 fo r QEXPANDER fi lter B
2 0
QXBC3
I
Capacitor 3 fo r QEXPANDER fi lter B
2 1
QXBC2
I
Capacitor 2 fo r QEXPANDER fi lter B
2 2
QXBC1
I
Capacitor 1 fo r QEXPANDER fi lter B
2 3
V C C
–
Analog pow er supply DC5 to 13V
2 4
Q X A C 4
I
Capacitor 4 fo r QEXPANDER fi lter A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com