Electronic Components Datasheet Search
  English  ▼

X  

QS7779CM Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # QS7779CM
Description  3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7779CM Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  QS7779CM Datasheet HTML 1Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 2Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 3Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 4Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
QS7779PM/CM
NIPPON PRECISION CIRCUITS—5
DC Electrical Characteristics
VCC = 9V, VDD = 5V, GND = 0V, Ta = 25 °C unless otherwise noted.
Noise/THD Characteristics
VCC = 9V, VDD = 5V, GND = 0V, Ta = 25 °C unless otherwise noted.
Parameter
Symbol
Condition
Limits
Unit
min
typ
m a x
LIN, RIN analog input impedance
Z AIN1
16
20
24
k
Ω
CIN analog input impedance
Z AIN2
456
k
Ω
Reference voltage out
V REFOUT
–
V CC /2
–V
HIGH-level input voltage
V IH
0.7
× V
DD
––
V
L O W -level input voltage
V IL
––
0.3
× V
DD
V
Input leakage current
ILEAK
– 3
–
3
µA
S D A, SCL input leakage current
(I2C input pin)
ILOPEN
V IN = 10V
– 3
–
3
µA
S D A L OW -level output voltage
V OL
A cknowledge signal out
IOL = 3mA
0
–
0.4
V
Supply voltage (analog)
V CC
5–
1 3
V
Supply voltage (digital)
V DD
4.5
–
5.5
V
Current consumption (analog)
ICC
–
5
6.5
m A
Current consumption (digital)
IDD
–
0.3
0.5
m A
Standby current (analog)
ICCSAVE
–
0.1
0.2
m A
Parameter
Symbol
Condition
Limits
Unit
min
typ
m a x
Noise voltage
N BYP
BYP = HIGH (Bypass mode), A-wgt,
LOUT, RO U T
–1 0
2 0
µV
RMS
Noise voltage
N QS
BYP = LOW (Qsurround mode),
SPRD = HIGH, A-wgt, LOUT, RO U T
–2 0
4 0
µV
RMS
THD
THD QS
LIN = RIN = 1VRMS , BYP = LOW (Qsur-
round mode), SPRD = HIGH, f = 1kHz
–
–
0.1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com