Electronic Components Datasheet Search
  English  ▼

X  

LE2464C Datasheet(PDF) 2 Page - ON Semiconductor

Part # LE2464C
Description  CMOS Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE2464C Datasheet(HTML) 2 Page - ON Semiconductor

  LE2464C Datasheet HTML 1Page - ON Semiconductor LE2464C Datasheet HTML 2Page - ON Semiconductor LE2464C Datasheet HTML 3Page - ON Semiconductor LE2464C Datasheet HTML 4Page - ON Semiconductor LE2464C Datasheet HTML 5Page - ON Semiconductor LE2464C Datasheet HTML 6Page - ON Semiconductor LE2464C Datasheet HTML 7Page - ON Semiconductor LE2464C Datasheet HTML 8Page - ON Semiconductor LE2464C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LE2464C
www.onsemi.com
2
Recommended Operating Conditions
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Operating supply voltage
1.7
3.6
V
Operating temperature
40
+85
C
DC Electrical Characteristics
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply current at reading
ICC1
f = 400kHz, VCC = VCC max
0.5
mA
Supply current at writing
ICC2
f = 400kHz, tWC = 5ms,
VCC = VCC max
3mA
Standby current
ISB
VIN = VCC or GND
2
µA
Input leakage current
ILI
VIN = GND to VCC, VCC = VCC max
2.0
+2.0
µA
Output leakage current
ILO
VIN = GND to VCC, VCC = VCC max
2.0
+2.0
µA
Input Low voltage
VIL
VCC0.3
V
Input High voltage
VIH
VCC0.7
V
Output Low voltage
VOL
IOL = 0.7mA, VCC = 1.7V
0.2
V
IOL = 1.0mA, VCC = 1.7V
0.4
V
IOL = 2.0mA, VCC = 2.5V
0.4
V
Capacitance at Ta = 25
C, f = 1MHz
Parameter
Symbol
Conditions
max
Unit
In/Output pin capacitance
CI/O
VI/O = 0V (SDA)
10
pF
Input pin capacitance
CI
VIN = 0V
10
pF
AC Electric Characteristics
Input pulse level
0.1×VCC to 0.9×VCC
Input pulse rise / fall time
20ns
Output detection voltage
0.5×VCC
Output load
50pF + Pull up resistor 3.0kΩ
R=3.0kΩ
SDA
VCC
C=50pF
Output Load Circuit
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com