Electronic Components Datasheet Search
  English  ▼

X  

LE2464C Datasheet(PDF) 4 Page - ON Semiconductor

Part # LE2464C
Description  CMOS Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE2464C Datasheet(HTML) 4 Page - ON Semiconductor

  LE2464C Datasheet HTML 1Page - ON Semiconductor LE2464C Datasheet HTML 2Page - ON Semiconductor LE2464C Datasheet HTML 3Page - ON Semiconductor LE2464C Datasheet HTML 4Page - ON Semiconductor LE2464C Datasheet HTML 5Page - ON Semiconductor LE2464C Datasheet HTML 6Page - ON Semiconductor LE2464C Datasheet HTML 7Page - ON Semiconductor LE2464C Datasheet HTML 8Page - ON Semiconductor LE2464C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LE2464C
www.onsemi.com
4
Package Dimensions
unit : mm
WLP6(1.2
0.8) 0.33mm height
1.2±0.05
TOP VIEW
SIDE VIEW
BOTTOM VIEW
SIDE VIEW
A
0.4
0.2
2
1
3
S
φ0.05 M
AB
6 X φ0.20±0.05
S
S
0.08
WLCSP6, 0.80x1.20
CASE 567HM
ISSUE O
SEATING
PLANE
0.05 C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. COPLANARITY APPLIES TO SPHERICAL
CROWNS OF SOLDER BALLS.
2X
DIM
A
MIN
MAX
---
MILLIMETERS
A1
D
0.80 BSC
E
b
0.15
0.25
e
0.40 BSC
0.33
E
D
A B
PIN A1
REFERENCE
e
A
0.05
B
C
0.03 C
0.08 C
6X
b
12
B
A
0.05 C
A
A1
C
0.03
0.13
1.20 BSC
PITCH
0.20
6X
DIMENSIONS: MILLIMETERS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.40
0.40
0.05 C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 3
RECOMMENDED
A1
PACKAGE
OUTLINE
e
PITCH
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com