Electronic Components Datasheet Search
  English  ▼

X  

LE2464C Datasheet(PDF) 3 Page - ON Semiconductor

Part # LE2464C
Description  CMOS Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE2464C Datasheet(HTML) 3 Page - ON Semiconductor

  LE2464C Datasheet HTML 1Page - ON Semiconductor LE2464C Datasheet HTML 2Page - ON Semiconductor LE2464C Datasheet HTML 3Page - ON Semiconductor LE2464C Datasheet HTML 4Page - ON Semiconductor LE2464C Datasheet HTML 5Page - ON Semiconductor LE2464C Datasheet HTML 6Page - ON Semiconductor LE2464C Datasheet HTML 7Page - ON Semiconductor LE2464C Datasheet HTML 8Page - ON Semiconductor LE2464C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LE2464C
www.onsemi.com
3
Fast Mode
Parameter
Symbol
Ratings
Unit
min
typ
max
Slave mode SCL clock frequency
fSCLS
0
400
kHz
SCL clock low time
tLOW
1200
ns
SCL clock high time
tHIGH
600
ns
SDA output delay time
tAA
100
900
ns
SDA data output hold time
tDH
100
ns
Start condition setup time
tSU.STA
600
ns
Start condition hold time
tHD.STA
600
ns
Data in setup time
tSU.DAT
100
ns
Data in hold time
tHD.DAT
0
ns
Stop condition setup time
tSU.STO
600
ns
SCL SDA rise time
tR
300
ns
SCL SDA fall time
tF
300
ns
Bus release time
tBUF
1200
ns
Noise suppression time
tSP
100
ns
Write time
tWC
5ms
Standard Mode
Parameter
Symbol
Ratings
Unit
min
typ
max
Slave mode SCL clock frequency
fSCLS
0
100
kHz
SCL clock low time
tLOW
4700
ns
SCL clock high time
tHIGH
4000
ns
SDA output delay time
tAA
100
3500
ns
SDA data output hold time
tDH
100
ns
Start condition setup time
tSU.STA
4700
ns
Start condition hold time
tHD.STA
4000
ns
Data in setup time
tSU.DAT
250
ns
Data in hold time
tHD.DAT
0
ns
Stop condition setup time
tSU.STO
4000
ns
SCL SDA rise time
tR
1000
ns
SCL SDA fall time
tF
300
ns
Bus release time
tBUF
4700
ns
Noise suppression time
tSP
100
ns
Write time
tWC
5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com