Electronic Components Datasheet Search
  English  ▼

X  

SM5013 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5013
Description  Quartz Crystal Oscillator IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5013 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5013 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SM5013 series
NIPPON PRECISION CIRCUITS—5
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V, unless otherwise noted.
Recommended Operating Conditions
VSS = 0V, unless otherwise noted.
Electrical Characteristics
VDD = 4.5 to 5.5V, VSS = 0V, Ta = − 20 to 80 °C, unless otherwise noted.
Parameter
Symbol
Condition
Rating
unit
Supply voltage range
VDD
− 0.5 to + 7.0
V
Input voltage range
VIN
− 0.5 to V
DD + 0.5
V
Output voltage range
VOUT
− 0.5 to V
DD + 0.5
V
Operating temperature range
Topr
− 40 to + 85
°C
Standard temperature range
TSTG
SOT6
− 55 to + 125
°C
Chip form
− 65 to + 150
°C
Output current
IOUT
13
mA
Power dissipation
PW
SOT6
250
mW
Soldering temperature
TSLD
SOT6
255
°C
Soldering time
tSLD
SOT6
10
s
Parameter
Symbol
Condition
Limit
unit
min
typ
max
Supply Voltage
VDD
4.5
−
5.5
V
Input voltage
VIN
VSS
−
VDD
V
Operating temperature
TOPR
− 20
−+ 80
°C
Parameter
Symbol
Condition
Limit
unit
min
typ
max
HIGH - level output voltage
VOH
Q pin, test circuit 1, VDD = 4.5V, IOH = 8mA
3.9
4.2
−
V
LOW - level output voltage
VOL
Q pin, test circuit 2, VDD = 4.5V, IOL = 8mA
−
0.3
0.4
V
Output leakage current
IZ
Q pin, test circuit 2, INH = Low,
VDD = 5.5V
VOH = VDD
−−
10
µA
VOL = VSS
−−
10
µA
HIGH - level input voltage
VIH
INH pin
2.0
−−
V
LOW - level input voltage
VIL
INH pin
−−
0.8
V
Current consumption
IDD
INH
= OPEN, test circuit 3,
CL = 15pF, f = 70MHz
CF5013KD, load circuit 1
−
28
45
mA
CF5013LD, load circuit 2
−
28
45
mA
Pull - up resistance
RUP
INH pin, test circuit 4
25
100
250
k
Ω
Internal capacitance
CG
Design value, determined by the internal wafer pattern
7.2
8
8.8
pF
CD
13.5
15
16.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com