Electronic Components Datasheet Search
  English  ▼

X  

SM5013 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5013
Description  Quartz Crystal Oscillator IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5013 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5013 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SM5013 series
NIPPON PRECISION CIRCUITS—7
TEST CIRCUITS
Test Circuit 1
3.5 VP − P , 10MHz sine wave input signal
Test Circuit 2
Test Circuit 3
3.5 VP − P , 70MHz sine wave input signal
Test Circuit 4
Test Circuit 5
X’tal
= 70MHz
Rfo
= 2.7kΩ
Signal
Generator
VDD
VSS
XT
Q
R1
R2
C1
C1: 0.001
µF
R1: 50 Ω
R2: 490Ω
R3: 100 kΩ
VOH
0V
Q out monitor
XT
R3
VDD
VSS
Q
A
V
IOL, IZ
IZ
VOL
INH
Signal
Generator
VDD
VSS
XT
Q
R1
IDD
C1
C1: 0.001
µF
R1: 50 Ω
R3: 100 kΩ
A
XT
R3
VDD
VSS
INH
IPR
RUP=
VDD
IPR
A
VDD
VSS
XT
XT
Rfo
Q
X'tal
INH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com