Electronic Components Datasheet Search
  English  ▼

X  

SM5013 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5013
Description  Quartz Crystal Oscillator IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5013 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5013 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SM5013 series
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Quartz Crystal Oscillator IC
OVERVIEW
The SM5013 Series crystal oscillator module ICs
fabricated in NPC’s Molybdenum-gate CMOS. They
comprise
low-voltage
low-current
consumption
oscillator circuits and output buffers. They incorpo-
rate built-in oscillation capacitance with superior fre-
quency response to realize.
FEATURES
s
4.5 to 5.5 V supply voltage
s
Oscillation capacitances built-in (CG and CD)
s
Output drive capability : 8 mA (VDD = 4.5V)
s
Output duty level
• SM5013KDH : CMOS
• SM5013LDH : TTL
s
3rd overtone oscillation
s
Output frequency : fo (Oscillation frequency)
s
Input level : TTL
s
3 state function
s
6 pin SOT (SM5013
×DH)
s
Chip form (CF5013
×D)
ORDERING INFOMATION
Device
Package
SM5013
×DH
6pinSOT
CF5013
×D
Chip form


Similar Part No. - SM5013

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM501-1 DATATRONICS-SM501-1 Datasheet
56Kb / 1P
SURFACE MOUNT TELECOM TRANSFORMER SM501-1
logo
Nippon Precision Circui...
SM5010 NPC-SM5010 Datasheet
156Kb / 14P
Crystal Oscillator Module ICs
SM5010 NPC-SM5010 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5010AH1S NPC-SM5010AH1S Datasheet
156Kb / 14P
Crystal Oscillator Module ICs
SM5010AH1S NPC-SM5010AH1S Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results

Similar Description - SM5013

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5003 NPC-SM5003 Datasheet
58Kb / 8P
Quartz Crystal Oscillator IC
SM5004 NPC-SM5004 Datasheet
58Kb / 8P
Quartz Crystal Oscillator IC
SM5623N NPC-SM5623N Datasheet
159Kb / 8P
Quartz Crystal Oscillator IC
SM5624N NPC-SM5624N Datasheet
112Kb / 6P
Quartz Crystal Oscillator Module IC
logo
New Japan Radio
NJU6323 NJRC-NJU6323 Datasheet
291Kb / 4P
QUARTZ CRYSTAL OSCILLATOR
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6398 NJRC-NJU6398 Datasheet
112Kb / 7P
LVDS-output Quartz Crystal Oscillator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com