Electronic Components Datasheet Search
  English  ▼

X  

DTM24 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTM24
Description  90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTM24 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTM24 Datasheet HTML 1Page - Wall Industries,Inc. DTM24 Datasheet HTML 2Page - Wall Industries,Inc. DTM24 Datasheet HTML 3Page - Wall Industries,Inc. DTM24 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A
DTM24 Series
Class II, IEC-320-C8 AC Inlet
Single Outputs, Up to 24 Watts
Medical AC/DC Desktop Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/17/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
SPECIFICATIONS: DTM24 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264VAC (Full Range)
Input Frequency
47 ~ 63Hz
Input Current (rms)
0.7A at 90VAC max.
0.35A at 264VAC max.
No Load Power Consumption
< 300mW
OUTPUT SPECIFICATIONS
Output Current
See Table
Output Voltage
See Table
Voltage Regulation
+5% / -3%
Output Power
See Table
Ripple & Noise (See Note 2)
±1%
Hold Up Time
> 10ms typical at full load and 115VAC
PROTECTION
Short Circuit Protection
Auto-recovery
Over Voltage Protection
Latch, AC recycle
Over Load Protection
Auto-recovery
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-20°C to +40°C
Storage Temperature
-20°C to +85°C
Humidity
20% to 90%
MTBF
> 150,000 hours at full load and 25°C ambient temperature
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
3.07 x 1.97 x 1.38 inches (78.0 x 50.0 x 35.0 mm)
Net Weight
4.62oz (131g)
AC Input (See Note 1)
IEC-320-C8
SAFETY & EMI
Safety Standards
UL 60601-1, CSA-C22.2 NO.601.1-M90, NEMKO EN60601-1, CB IEC60601-1
EMI Standards
EN60601-1-2, FCC Part 18 Class B, EN55011 Class B, CE
All models meet CEC, ERP, EISA, and Energy Star Level V requirements
All models meet UL 1310 NEC Class 2 requirements



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com