Electronic Components Datasheet Search
  English  ▼

X  

DTM24 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DTM24
Description  90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTM24 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DTM24 Datasheet HTML 1Page - Wall Industries,Inc. DTM24 Datasheet HTML 2Page - Wall Industries,Inc. DTM24 Datasheet HTML 3Page - Wall Industries,Inc. DTM24 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. A
DTM24 Series
Class II, IEC-320-C8 AC Inlet
Single Outputs, Up to 24 Watts
Medical AC/DC Desktop Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/17/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MODEL SELECTION TABLE
Model Number
Input
Voltage Range
Output Voltage
Output Current
Ripple & Noise
(2)
Output Regulation
Output Power
DTM15A1Y05K0
5 VDC
3A
50mVp-p
+5% / -3%
15W
DTM24A1Y09K0
9 VDC
2.67A
90mVp-p
+5% / -3%
24W
DTM24A1Y12K0
12 VDC
2A
120mVp-p
+5% / -3%
24W
DTM24A1Y16K0
16 VDC
1.5A
160mVp-p
+5% / -3%
24W
DTM24A1Y18K0
18 VDC
1.34A
180mVp-p
+5% / -3%
24W
DTM24A1Y24K0
24 VDC
1A
240mVp-p
+5% / -3%
24W
DTM24A1Y36K0
36 VDC
0.67A
360mVp-p
+5% / -3%
24W
DTM24A1Y48K0
90 ~ 264 VAC
48 VDC
0.5A
480mVp-p
+5% / -3%
24W
NOTES
1. All models have an IEC-320-C8 AC inlet.
2. Ripple and Noise is measured at 20MHz bandwidth with a tantalum 10µF in parallel with a 0.1µF ceramic capacitor.
MECHANICAL DRAWINGS
DESKTOP (C8)
LABEL
SIDE
POWER LED
TOP
3.07 (78.0±0.5)
Unit: inches (mm)
Standard Output Cable
1. AWM 1185 # 18 AWG / 1C + SHIELDING, UL 80°C 300V VW-1, 1550 mm
2. Depends on customer’s requirements.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com