Electronic Components Datasheet Search
  English  ▼

X  

DTM24 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTM24
Description  90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTM24 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTM24 Datasheet HTML 1Page - Wall Industries,Inc. DTM24 Datasheet HTML 2Page - Wall Industries,Inc. DTM24 Datasheet HTML 3Page - Wall Industries,Inc. DTM24 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/17/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. A
DTM24 SERIES
90 ~ 264VAC Input Voltage Range
Single Outputs, Up to 24 Watts
Class II, IEC-320-C8 AC Inlet
Medical AC/DC Desktop Power Supplies
IEC-320-C8 AC Inlet
FEATURES
 Up to 24 Watts
 Single Outputs
 RoHS Compliant
 Output Voltages Available from 5VDC to 48VDC
 100% Burn-In and Hi-Pot Tested
 Wide Input Voltage Range: 90~264VAC, 47~63Hz
 High Reliability
 Over Voltage, Over Load, and Short Circuit Protection
 EMC Compliance
 UL60601-1, EN60601-1, IEC 60601-1 Safety Approvals
 Meets CEC, ERP, EISA, and Energy Star Level V
Requirements
 Meets UL 1310 NEC Class 2 Requirement
 IEC-320-C8 AC Inlet
DESCRIPTION
The DTM24 series offers up to 24 watts of output power in a single output desktop power supply. This series has UL60601-
1, EN60601-1, and IEC 60601-1 medical safety approvals. All units are short circuit, over voltage, and over load protected.
All models have an IEC-320-C8 AC inlet and output voltages range from 5 to 48VDC. All units meet CEC, ERP, EISA, and
Energy Star Level V requirements as well as UL 1310 NEC Class 2 requirements. These supplies are RoHS compliant and
have been 100% burn-in and Hi-pot tested.


Similar Part No. - DTM24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DTM250PW120D TDK-DTM250PW120D Datasheet
199Kb / 2P
AC-DC Power Supplies
DTM250PW190D TDK-DTM250PW190D Datasheet
199Kb / 2P
AC-DC Power Supplies
DTM250PW240D TDK-DTM250PW240D Datasheet
199Kb / 2P
AC-DC Power Supplies
DTM250PW280D TDK-DTM250PW280D Datasheet
199Kb / 2P
AC-DC Power Supplies
DTM250PW360D TDK-DTM250PW360D Datasheet
196Kb / 2P
AC-DC Power Supplies
June 07, 2022
More results

Similar Description - DTM24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTAM250 WALL-DTAM250 Datasheet
199Kb / 4P
90 - 264VAC Input Voltage Range 250 Watts, Single Output Active PFC, IEC-320-C14 AC Inlet
DTEM1070 WALL-DTEM1070 Datasheet
287Kb / 4P
100 - 240VAC Input Voltage Range 60 - 72 Watts, Single Outputs
DTMPU16 WALL-DTMPU16 Datasheet
290Kb / 5P
90 - 264VAC Input Voltage Range 15 Watts, Single Outputs
DTMPU31 WALL-DTMPU31 Datasheet
429Kb / 5P
90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
WMM24 WALL-WMM24 Datasheet
157Kb / 6P
90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
WMMPU12 WALL-WMMPU12 Datasheet
244Kb / 5P
90 - 264VAC Input Voltage Range Medical Approvals 12 Watt, Single Outputs
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
Universal Input Voltage of 90~264VAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com