Electronic Components Datasheet Search
  English  ▼

X  

PSMSC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSMSC
Description  40 Watt Medical AC - DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMSC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSMSC Datasheet HTML 1Page - Wall Industries,Inc. PSMSC Datasheet HTML 2Page - Wall Industries,Inc. PSMSC Datasheet HTML 3Page - Wall Industries,Inc. PSMSC Datasheet HTML 4Page - Wall Industries,Inc. PSMSC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc.
Rev F
PSMSC SERIES
40 Watt Medical AC/DC Switching Power Supplies
05/29/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
BLOCK DIAGRAMS
Single Output
Dual Output
O.C.P.
DETECT
+V
-V
L
N
O.C.P.
DETECT
+V
COM
-V
L
N
DERATING CURVE
Triple Output
O.C.P.
DETECT
L
N
+5V
G
+V
COM
-V
-20
-10
0
10
20
30
40
50
60
70
80
Ambient Temperature (°C)
40%
120
100
80
60
40
20
0
MECHANICAL DRAWING
1
2
Unit: inches (mm)
Tolerance: ±0.02” (±0.5mm)
3
4
5
6
7
3.20 (81.3)
3.50 (89.0)
0.15 (3.85)
0.15 (3.81)
1.06 (27.0)
0.24
(6.0)
0.05 (1.2)
PIN CONNECTIONS
PIN
SINGLE
DUAL
PSMSC-5S12S
PSMSC-5S24S
TRIPLE
1
AC IN (L)
AC IN (L)
AC IN (L)
AC IN (L)
2
AC IN (N)
AC IN (N)
AC IN (N)
AC IN (N)
3
+DC OUT
+DC OUT
+OUT2
+DC OUT
4
NO PIN
NO PIN
+OUT1
+5V
5
-DC OUT
COMMON
+OUT2 RTN
COMMON
6
NO PIN
NO PIN
+OUT1 RTN
+5 RTN
7
NO CONNECT
-DC OUT
NO PIN
-DC OUT
TOP VIEW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com