Electronic Components Datasheet Search
  English  ▼

X  

PSMSC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSMSC
Description  40 Watt Medical AC - DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMSC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSMSC Datasheet HTML 1Page - Wall Industries,Inc. PSMSC Datasheet HTML 2Page - Wall Industries,Inc. PSMSC Datasheet HTML 3Page - Wall Industries,Inc. PSMSC Datasheet HTML 4Page - Wall Industries,Inc. PSMSC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc.
Rev F
PSMSC SERIES
40 Watt Medical AC/DC Switching Power Supplies
05/29/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
RoHS Compliant
Isolation Class II
40 Watts Output Power
Low Ripple and Noise
Single, Dual, and Triple Outputs
Fully Encapsulated Plastic Case
UL/cUL, CE, and CB Approval
PCB Mountable Switching Power Supply
-25°C to +70°C Operating Temperature Range
Optional -40°C~+71°C Operating Temperature Range
Universal Input Voltage Range: 90-264VAC (100-375VDC)
Short Circuit, Over Current, Over Voltage, and Over
Temperature Protection
Screw Terminal Mechanical Options Available
DESCRIPTION
E308218
Size:
3.5 x 2.5 x 1.06 inches
89.0 x 63.5 x 27.0 mm
The PSMSC series of medical AC/DC switching power supplies provides 40 watts of output power in
a 3.5” x 2.5” x 1.06” encapsulated PCB mountable package. This series consists of single, dual, and
triple output models with a universal input range of 90-264VAC (100-375VDC). Some features
include low ripple and noise, -25°C to +70°C operating temperature range, and short circuit, over
current, over voltage, and over temperature protection. The PSMSC series also has two types of
screw terminal mechanical options and an extended operating temperature option available. All
models are RoHS compliant and have UL/cUL, CE, and CB safety approvals.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Output Current
Model Number
Input Voltage
Output
Voltage
Min Load(1) Max Load
Voltage
Accuracy
Line
Regulation
Load Regulation
(1% - 100%)
Output
Power
Efficiency
Maximum
Capacitive Load
PSMSC-3.3S
3.3 VDC
1%
8000mA
±2%
0.5%
1%
26.4W
76%
70,000μF
PSMSC-5S
5 VDC
1%
8000mA
±2%
0.5%
1%
40W
79%
33,000μF
PSMSC-9S
9 VDC
1%
4444mA
±2%
0.5%
1%
40W
82%
10,000µF
PSMSC-12S
12 VDC
1%
3333mA
±2%
0.5%
1%
40W
83%
4000μF
PSMSC-15S
15 VDC
1%
2666mA
±2%
0.5%
1%
40W
83%
3000μF
PSMSC-24S
90~264 VAC
(100~375 VDC)
24 VDC
1%
1667mA
±2%
0.5%
1%
40W
83%
1200μF
DUAL OUTPUT MODELS
Output Current
Model Number
Output
Voltage
Min Load(1)
Max Load
Voltage
Accuracy
Line
Regulation
Load Regulation
(10% - 100%)
Cross
Regulation
Output
Power
Efficiency
Maximum
Capacitive Load
Vo1
+5 VDC
4000mA
±2%
0.5%
1% (sym. load)
5%
6000µF
PSMSC-5D
Vo2
-5 VDC
10%
4000mA
±2%
0.5%
1% (sym. load)
5%
40W
80%
6000µF
Vo1
+12 VDC
1666mA
±2%
0.5%
1% (sym. load)
5%
1000µF
PSMSC-12D
Vo2
-12 VDC
10%
1666mA
±2%
0.5%
1% (sym. load)
5%
40W
83%
1000µF
Vo1
+15 VDC
1333mA
±2%
0.5%
1% (sym. load)
5%
2000µF
PSMSC-15D
Vo2
-15 VDC
10%
1333mA
±2%
0.5%
1% (sym. load)
5%
40W
83%
2000µF
Vo1
5 VDC
5000mA
±3%
0.5%
2% (sym. load)
1%
15,000µF
PSMSC-5S12S
Vo2
12 VDC
25%
1250mA
±5%
5%
6% (sym. load)
7%
40W
80%
750µF
Vo1
5 VDC
5000mA
±3%
0.5%
2% (sym. load)
1%
15,000µF
PSMSC-5S24S
Vo2
24 VDC
25%
625mA
±5%
5%
6% (sym. load)
7%
40W
80%
200µF
TRIPLE OUTPUT MODELS
Output Current
Model Number
Output
Voltage
Min Load(1)
Max Load
Voltage
Accuracy
Line
Regulation
Load Regulation
(25% - 100%)
Cross
Regulation
Output
Power
Efficiency
Maximum
Capacitive Load
Vo1
5 VDC
5000mA
±3%
0.5%
3% (sym. load)
3%
18,000μF
Vo2
+12 VDC
600mA
±5%
5%
7% (sym. load)
7%
150μF
PSMSC-5S12D
Vo3
-12 VDC
25%
600mA
±5%
5%
7% (sym. load)
7%
40W
79%
150μF
Vo1
5 VDC
5000mA
±3%
0.5%
3% (sym. load)
3%
18,000μF
Vo2
+15 VDC
500mA
±5%
5%
7% (sym. load)
7%
400μF
PSMSC-5S15D
Vo3
-15 VDC
25%
500mA
±5%
5%
7% (sym. load)
7%
40W
79%
400μF
NOTES
1. All models require a minimum loading on the output to maintain specified regulations. Operation under no-load conditions will not damage these devices;
however, they may not meet all listed specifications.
2. For -40°C to +71°C extended operating temperature range please add the suffix –E1 to the model number (Ex: PSMSC-12S-E1).
3. Screw terminal mechanical options available (see page 4). Please call factory for ordering details.


Similar Part No. - PSMSC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMS05 PROTEC-PSMS05 Datasheet
87Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMS05 PROTEC-PSMS05 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
PSMS05-LF-T7 PROTEC-PSMS05-LF-T7 Datasheet
87Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMS05-T7 PROTEC-PSMS05-T7 Datasheet
87Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PSMSC

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
40 WATT MEDICAL POWER SUPPLIES
logo
Wall Industries,Inc.
PSME05 WALL-PSME05 Datasheet
194Kb / 4P
Medical AC/DC Switching Power Supplies
PSME10 WALL-PSME10 Datasheet
190Kb / 4P
Medical AC/DC Switching Power Supplies
PSMP05 WALL-PSMP05 Datasheet
217Kb / 4P
Medical AC/DC Switching Power Supplies
PSMP10 WALL-PSMP10 Datasheet
213Kb / 4P
Medical AC/DC Switching Power Supplies
PSGKF-200 WALL-PSGKF-200 Datasheet
130Kb / 4P
Watt AC/DC Switching Power Supplies
PSM250 WALL-PSM250 Datasheet
259Kb / 6P
Medical AC/DC Switching Power Supplies
PSM360 WALL-PSM360 Datasheet
269Kb / 7P
Medical AC/DC Switching Power Supplies
PSM500 WALL-PSM500 Datasheet
224Kb / 8P
Medical AC/DC Switching Power Supplies
PSPRL1103M WALL-PSPRL1103M Datasheet
568Kb / 7P
Medical AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com