Electronic Components Datasheet Search
  English  ▼

X  

PSMSC Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSMSC
Description  40 Watt Medical AC - DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMSC Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSMSC Datasheet HTML 1Page - Wall Industries,Inc. PSMSC Datasheet HTML 2Page - Wall Industries,Inc. PSMSC Datasheet HTML 3Page - Wall Industries,Inc. PSMSC Datasheet HTML 4Page - Wall Industries,Inc. PSMSC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wall Industries, Inc.
Rev F
PSMSC SERIES
40 Watt Medical AC/DC Switching Power Supplies
05/29/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
SCREW TERMINAL OPTIONS
PSMSC-A2
PIN CONNECTIONS
PIN
SINGLE
DUAL
PSMSC-5S12S
PSMSC-5S24S
TRIPLE
1
NO CONNECT
NO CONNECT
NO CONNECT
NO CONNECT
2
AC IN (L)
AC IN (L)
AC IN (L)
AC IN (L)
3
AC IN (N)
AC IN (N)
AC IN (N)
AC IN (N)
4
+DC OUT
+DC OUT
+OUT2
+DC OUT
5
NO CONNECT
NO CONNECT
+OUT1
+5V OUT
6
-DC OUT
COMMON
+OUT2 RTN
COMMON
7
NO CONNECT
NO CONNECT
+OUT1 RTN
+5V RTN
8
NO CONNECT
-DC OUT
NO CONNECT
-DC OUT
0.22 (5.5)
3.94 (100.0)
4.41 (111.9)
1
2
3
4
5
6
7
8
Unit: inches (mm)
PSMSC-A5
PIN CONNECTIONS
PIN
SINGLE
DUAL
PSMSC-5S12S
PSMSC-5S24S
TRIPLE
1
NO CONNECT
NO CONNECT
NO CONNECT
NO CONNECT
2
AC IN (L)
AC IN (L)
AC IN (L)
AC IN (L)
3
AC IN (N)
AC IN (N)
AC IN (N)
AC IN (N)
4
+DC OUT
+DC OUT
+OUT2
+DC OUT
5
NO CONNECT
NO CONNECT
+OUT1
+5V OUT
6
-DC OUT
COMMON
+OUT2 RTN
COMMON
7
NO CONNECT
NO CONNECT
+OUT1 RTN
+5V RTN
8
NO CONNECT
-DC OUT
NO CONNECT
-DC OUT
0.22 (5.5)
3.94 (100.0)
4.41 (111.9)
1
2
3
4
5
6
7
8
Unit: inches (mm)
a
7.62
250V 15A
AWG 16~22
4.59 (116.5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com