Electronic Components Datasheet Search
  English  ▼

X  

CS3845GD8 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS3845GD8
Description  Current Mode PWM Control Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3845GD8 Datasheet(HTML) 5 Page - ON Semiconductor

  CS3845GD8 Datasheet HTML 1Page - ON Semiconductor CS3845GD8 Datasheet HTML 2Page - ON Semiconductor CS3845GD8 Datasheet HTML 3Page - ON Semiconductor CS3845GD8 Datasheet HTML 4Page - ON Semiconductor CS3845GD8 Datasheet HTML 5Page - ON Semiconductor CS3845GD8 Datasheet HTML 6Page - ON Semiconductor CS3845GD8 Datasheet HTML 7Page - ON Semiconductor CS3845GD8 Datasheet HTML 8Page - ON Semiconductor CS3845GD8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CS2844, CS3844, CS2845, CS3845
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (–25
° ≤ TA ≤ 85° for CS2844/2845, 0° ≤ TA ≤ 70° for CS3844/CS3845.
VCC = 15 V*; RT = 10 kΩ, CT = 3.3 nF for sawtooth mode; unless otherwise stated.)
CS2844
CS3844
CS2845/CS3845
Characteristic
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Undervoltage Lockout Section
Start Threshold
–
15
16
17
14.5
16
17.5
7.8
8.4
9.0
V
Min. Operating Voltage
After Turn On
9.0
10
11
8.5
10
11.5
7.0
7.6
8.2
V
*Adjust VCC above the start threshold before setting at 15 V.
PACKAGE PIN DESCRIPTION
Package Pin Number
DIP–8 & SO–8
SO–14
Symbol
Symbol
Description
1
1
3
COMP
Error amp output, used to compensate error amplifier.
2
3
4
VFB
Error amp inverting input.
3
5
5
Sense
Noninverting input to Current Sense Comparator.
4
7
6
OSC
Oscillator timing network with capacitor to ground, resistor to VREF.
5
9
11
GND
Ground.
–
8
10
Pwr GND
Output driver ground.
6
10
12
VOUT
Output drive pin.
–
11
13
VCC Pwr
Output driver positive supply.
7
12
14
VCC
Positive power supply.
8
14
15
VREF
Output of 5.0 V internal reference.
–
2, 4, 6, 13
1, 2, 7, 8,
9, 16
NC
No connection.
Figure 2. Test Circuit Open Loop Laboratory Test Fixture
VREF
VCC
VOUT
GND
COMP
VFB
Sense
OSC
0.1
µF
0.1
µF
RT
1.0 k
Ω
1.0 W
2N2222
100 k
Ω
VCC
VREF
VOUT
GND
A
5.0 k
Ω
Sense
ADJUST
CT
4.7 k
Ω
4.7 k
Ω
1.0 k
Ω
ERROR AMP
ADJUST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com