Electronic Components Datasheet Search
  English  ▼

X  

CS3845GD8 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS3845GD8
Description  Current Mode PWM Control Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3845GD8 Datasheet(HTML) 3 Page - ON Semiconductor

  CS3845GD8 Datasheet HTML 1Page - ON Semiconductor CS3845GD8 Datasheet HTML 2Page - ON Semiconductor CS3845GD8 Datasheet HTML 3Page - ON Semiconductor CS3845GD8 Datasheet HTML 4Page - ON Semiconductor CS3845GD8 Datasheet HTML 5Page - ON Semiconductor CS3845GD8 Datasheet HTML 6Page - ON Semiconductor CS3845GD8 Datasheet HTML 7Page - ON Semiconductor CS3845GD8 Datasheet HTML 8Page - ON Semiconductor CS3845GD8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS2844, CS3844, CS2845, CS3845
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Supply Voltage (ICC < 30 mA)
Self Limiting
–
Supply Voltage (Low Impedance Source)
30
V
Output Current
±1.0
A
Output Energy (Capacitive Load)
5.0
µJ
Analog Inputs (VFB, Sense)
–0.3 to + 5.5
V
Error Amp Output Sink Current
10
mA
Package Thermal Resistance, PDIP–8
Junction–to–Case, RθJC
Junction–to–Ambient, RθJA
52
100
°CW
°CW
Package Thermal Resistance, SO–8
Junction–to–Case, RθJC
Junction–to–Ambient, RθJA
45
165
°CW
°CW
Package Thermal Resistance, SO–14
Junction–to–Case, RθJC
Junction–to–Ambient, RθJA
30
125
°CW
°CW
Package Thermal Resistance, SO–16L
Junction–to–Case, RθJC
Junction–to–Ambient, RθJA
23
105
°CW
°CW
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Note 2)
260 peak
230 peak
°C
°C
1. 10 second maximum.
2. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (–25
° ≤ TA ≤ 85° for CS2844/2845, 0° ≤ TA ≤ 70° for CS3844/CS3845.
VCC = 15 V*; RT = 10 kΩ, CT = 3.3 nF for sawtooth mode; unless otherwise stated.)
CS2844/CS2845
CS3844/CS3845
Characteristic
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Reference Section
Output Voltage
TJ = 25°C, IREF = 1.0 mA
4.95
5.00
5.05
4.90
5.00
5.10
V
Line Regulation
12
≤ VCC ≤ 25 V
–
6.0
20
–
6.0
20
mV
Load Regulation
1.0
≤ IREF ≤ 20 mA
–
6.0
25
–
6.0
25
mV
Temperature Stability
Note 3.
–
0.2
0.4
–
0.2
0.4
mV/
°C
Total Output Variation
Line, Load, Temperature. Note 3.
4.90
–
5.10
4.82
–
5.18
V
Output Noise Voltage
10 Hz
≤ f ≤ 10 kHz, TJ = 25°C. Note 3.
–
50
–
–
50
–
µV
Long Term Stability
TA = 125°C, 1000 Hrs. Note 3.
–
5.0
25
–
5.0
25
mV
Output Short Circuit
TA = 25°C
–30
–100
–180
–30
–100
–180
mA
Oscillator Section
Initial Accuracy
Sawtooth Mode, TJ = 25°C
47
52
57
47
52
57
kHz
Voltage Stability
12
≤ VCC ≤ 25 V
–
0.2
1.0
–
0.2
1.0
%
Temperature Stability
Sawtooth Mode TMIN ≤ TA ≤ TMAX. Note 3.
–
5.0
–
–
5.0
–
%
Amplitude
VOSC (peak to peak)
–
1.7
–
–
1.7
–
V
3. These parameters, although guaranteed, are not 100% tested in production.
*Adjust VCC above the start threshold before setting at 15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com