Electronic Components Datasheet Search
  English  ▼

X  

CS3845GD8 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS3845GD8
Description  Current Mode PWM Control Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3845GD8 Datasheet(HTML) 1 Page - ON Semiconductor

  CS3845GD8 Datasheet HTML 1Page - ON Semiconductor CS3845GD8 Datasheet HTML 2Page - ON Semiconductor CS3845GD8 Datasheet HTML 3Page - ON Semiconductor CS3845GD8 Datasheet HTML 4Page - ON Semiconductor CS3845GD8 Datasheet HTML 5Page - ON Semiconductor CS3845GD8 Datasheet HTML 6Page - ON Semiconductor CS3845GD8 Datasheet HTML 7Page - ON Semiconductor CS3845GD8 Datasheet HTML 8Page - ON Semiconductor CS3845GD8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2001
June, 2001 – Rev. 3
1
Publication Order Number:
CS2844/D
CS2844, CS3844, CS2845,
CS3845
Current Mode PWM
Control Circuit with
50% Max Duty Cycle
The CS3844/45 provides all the necessary features to implement
off–line fixed frequency current–mode control with a minimum
number of external components.
The CS3844 family incorporates a new precision
temperature–controlled oscillator to minimize variations in frequency.
An internal toggle flip–flop, which blanks the output every other clock
cycle, limits the duty–cycle range to less than 50%. An undervoltage
lockout ensures that VREF is stabilized before the output stage is
enabled. In the CS2844/CS3844 turn on occurs at 16 V and turn off at
10 V. In the CS2845/CS3845 turn on is at 8.4 V and turn off at 7.6 V.
Other features include low start–up current, pulse–by–pulse current
limiting, and a high–current totem pole output for driving capacitive
loads, such as gate of a power MOSFET. The output is low in the off
state, consistent with N–channel devices.
Features
• Optimized for Off–Line Control
• Temp. Compensated Oscillator
• 50% Max Duty–Cycle Clamp
• V
REF Stabilized Before Output Stage Is Enabled
• Low Start–Up Current
• Pulse–By–Pulse Current Limiting
• Improved Undervoltage Lockout
• Double Pulse Suppression
• 1.0% Trimmed Bandgap Reference
• High Current Totem Pole Output
http://onsemi.com
x
= 2 or 3
y
= 4 or 5
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
DIP–8
N SUFFIX
CASE 626
1
8
SO–8
D SUFFIX
CASE 751
1
8
SO–14
D SUFFIX
CASE 751A
1
14
1
8
CSx84yN
AWL
YYWW
MARKING
DIAGRAMS
1
384yD
ALYW
8
1
CSx84yD14
AWLYWW
14
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
SO–16L
DW SUFFIX
CASE 751G
1
16
1
CSx84yDW
AWLYYWW
16


Similar Part No. - CS3845GD8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3845GD8 CHERRY-CS3845GD8 Datasheet
156Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 3/17/99
More results

Similar Description - CS3845GD8

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
Automotive Current Mode PWM Control Circuit
Rev. 6/23/99
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
Rev. 6/23/99
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com