Electronic Components Datasheet Search
  English  ▼

X  

SM5158 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5158
Description  Serial input PLL frequency synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5158 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5158 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NIPPON PRECISION CIRCUITS-3
SM5158A
SPECIFICATION
Absolute Maximum Ratings
Electrical Characteristics
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD - VSS
-0.3 to 7.0
V
Input voltage range
VIN
VSS-0.3 to VDD+0.3
V
Operating temperature range
TOPR
-30 to +85
deg.C
Storange temperature
Tstg
-40 to 125
deg.C
Solding temperature
Tsld
255
deg.C
Solding time
tsld
10
S
Rating
Parameter
Symbol
Condition
min
typ
max
Unit
Supply Voltage
VDD
2.7
5.5
V
Supply current in operating mode
IDD
FIN 200MHz , VFIN=0.5Vp-p sine wave
10
23.5
mA
XIN=20MHz, VFIN=0.5Vp-p sine wave
Supply current in stanby mode
IDD2
R/N latch's all bits="0"
-
-
10
uA
FIN maximum operating frequency
fmax1
FIN=0.5Vp-p , sine wave (VDD=2.7V)
100
120
FIN=0.5Vp-p , sine wave (VDD=4.5V)
200
240
XIN maximum operating frequency
fmax2
XIN=0.5Vp-p , sine wave(VDD=2.7V)
20
MHz
XIN=0.5Vp-p , sine wave(VDD=4.5V)
35
FIN minimum operating frequency
fmin1
FIN=0.5Vp-p , sine wave
20
XIN minimum operating frequency
fmin2
FIN=0.5Vp-p , sine wave
1
FIN input voltage
VFIN
fFIN = 20 to 200MHz sine wave , AC coupling
0.5
VDD-0.5
Vp-p
XIN input voltage
VXIN
fXIN = 1 to 35MHz sine wave , AC coupling
0.5
VDD-0.5
Vp-p
CLK, DATA, LE HIGH-level input voltage
VIH
VDD-0.3
uA
CLK, DATA, LE LOW-level input voltage
VIL
0.3
uA
FIN HIGH-level input current
IIH1
VIH=VDD
100
uA
FIN LOW-level input current
IIL1
VIL=0V
100
uA
XIN HIGH-level input current
IIH2
VIH=VDD
100
uA
XIN LOW-level input current
IIL2
VIL=0V
100
uA
FV, DOP, LD,DOA, FR, OV, OR,
IOH
VOH=VDD-0.4V
0.4
mA
HIGH-level output current
FV, DOP, LD,DOA, FR, OV, OR,
IOL
VOL=0.4V
0.4
mA
LOW-level output current
DATA to CLK and CLK to LE
tsu1
80
ns
setup time
tsu2
80
ns
Hold time
tH
80
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com