Electronic Components Datasheet Search
  English  ▼

X  

SM5158 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5158
Description  Serial input PLL frequency synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5158 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

  SM5158 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet
in order to improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc.
assumes no responsibility for the use of any circuits shown in this data sheet, conveys no license under any patent or other
rights, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data
sheet are for illustration only and Nippon Precision Circuits Inc. makes no claim or warranty that such applications will be
suitable for the use specified without further testing or modification. The products described in this data sheet are not intended
to use for the apparatus which influence human lives due to the failure or malfunction of the products. Customers are request-
ed to comply with applicable laws and regulations in effect now and hereinafter, including compliance with export controls on
the distribution or dissemination of the products. Customers shall not export, directly or indirectly, any products without first
obtaining required licenses and approvals from appropriate government agencies.
NIPPON PRECISION CIRCUITS-7
SM5158A
NIPPON PRECISION CIRCUITS INC.
NC9306BE
1998 1
NIPPON PRECISION CIRCUITS INC.
4-3, 2-chome Fukuzumi, Koto-ku
Tokyo, 135 -8430, JAPAN
Telephon: 03-3642-6661
Facsimile: 03-3642-6698
PACKAGE DIMENSIONS
UNIT:mm
16pin SSOP
16pin DIP
0.6TYP
6.8 0.3
0.8
0.36 0.1
0.4 0.2
010
0.15
+ 0.10
- 0.05
2.54
0.5 0.1
1.5
+ 0.30
- 0.05
0 to 15˚
19.5 0.3
0.86 typ.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com