Electronic Components Datasheet Search
  English  ▼

X  

SM5158 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5158
Description  Serial input PLL frequency synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5158 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5158 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5158 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NIPPON PRECISION CIRCUITS-2
SM5158AS
BLOCK DIAGRAM
PIN DESCRIPTION
16 BIT COUNTER
PHASE
DETECTOR
LOCK
DETECTOR
CHARGE
PUMP
16 BIT N COUNTER
FIN
DATA
LD
FV
XOUT
LE
CLK
FR
DOA
DOP
OV
OR
16 BIT LATCH
BUFFER
16 BIT LATCH
17 BIT SHIFT REGISTER
XIN
Number
Name
Description
1
XIN
To connect external crystal and capacitor, or external clock input pin.
2
XOUT
To connect external crystal and capacitor,or oscilator output signal can be available at this pin.
3
FV
Buffered input frequency divider output.phase detector input
4
VDD
Positive supply pin. Apply +2.7 to 5.5 Volts.
5
DOP
Charge pump output for passive lowpass filter. Single ended tristate output.
6
VSS
Ground.
7
LD
Lock detector output. Logic Low when PLL is unlocked.
8
FIN
Comparison frequency input.Internal feedback resistor for AC coupling.
Input frequency range 20MHz to 200MHz.
9
CLK
Shift register clock input.
10
DATA
Serial data input.
11
LE
Latch enable input.
12
DOA
Chrage pump output for active lowpass filter. Single ended tristate output.
13
FR
Buffered reference frequency devider output. Phase detector input.
14
TEST
Test pin. Left open.
15
OV
Buffered phase detector output to a differential lowpass filter.
16
OR
Buffered phase detector output to a differential lowpass filter.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com