Electronic Components Datasheet Search
  English  ▼

X  

SM5170 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5170
Description  PLL Synthesizer IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5170 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5170 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SM5170AV
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
Number
Name
I/O
Supply
Description
1
XIN
I
1 V
Reference frequency divider crystal oscillator connection pins. Alternatively, an external clock input can
be connected to XIN. The clock is output on XOUT. Feedback resistor built-in for AC-coupled inputs.
2
XOUT
O
1 V
3
VDD2
–
3 V
Phase comparator, charge pump and booster signal 3 V supply
4
D B
O
3 V
Booster signal output for faster locking
5D O
O
3 V
Phase comparator output pin. Built-in charge pump and tristate output means that this output can be
connected to a low-pass filter. The output polarity is preset for connection to a passive filter.
6
V S S
–
–
Ground pin
7
F I N
I
1 V
FIN input frequency divider input pin. Feedback resistor built-in for AC-coupled inputs.
8
VDD1
–
1 V
Reference frequency and FIN input frequency prescaler and counter 1 V supply
9
N C
–
–
No connection
10
L D
O
1 V
Unlock signal output pin. (Unlocke d when LOW). The function of LD can be turned OFF using the LD
input control bit (LD should be tied LOW when not used).
1 1
C L K
I
3 V
Control data clock input pin
1 2
D ATA
I
3 V
Control data input pin
1 3
L E
I
3 V
Control data latch enable signal input pin
1 4
O P R
I
3 V
P ow er-save control pin. Start when HIGH, standby mode when LOW .
1 5
N C
–
–
No connection
1 6
TEST
I
1 V
Test pin. Pull-down resistor built-in. Leave open or connect to ground for normal operation.
P arameter
Symbol
Condition
Rating
Unit
Supply voltage
V DD1
VDD1
−0.3 to 2.0
V
V DD2
VDD2
−0.3 to 4.6
V
Input voltage range
V IN1
FIN, XIN, TEST
V SS − 0.3 to V DD1 + 0.3
V
V IN2
OPR, CLK, DATA, LE
V SS − 0.3 to V DD2 + 0.3
V
Storage temperature range
T stg
−40 to 125
°C
P ow er dissipation
P D
150
m W
P arameter
Symbol
Condition
Rating
Unit
Supply voltage
V DD1
VDD1
0.95 to 1.2
V
V DD2
VDD2
2.0 to 3.3
V
Operating temperature range
Topr
−10 to 60
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com