Electronic Components Datasheet Search
  English  ▼

X  

SM5170 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5170
Description  PLL Synthesizer IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5170 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5170 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5170 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SM5170AV
NIPPON PRECISION CIRCUITS—4
Electrical Characteristics
VSS = 0 V, VDD1 = 0.95 to 1.2 V, VDD2 = 2.0 to 3.3 V, Ta = −10 to 60 °C
DATA, CLK, and LE timing
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
VDD1 operating current consumption
IDD1
Note 1 .
1. V DD1 = 1.0 to 1.05V, V DD2 = 2.7 to 3.3 V, fFIN = 310 MHz (300 mVp-p sine wave), fXIN = 14.4 MHz (300 mVp-p sine wave), 25 kHz comparator fre-
quency, OPR = HIGH, no output load, typ condition : V DD1 = 1.0 V
–
1.1
1.9
mA
VDD2 operating current consumption
IDD2
Note 2 .
2. V DD1 = 0.95 to 1.2 V, V DD2 = 2.7 to 3.3 V, fFIN = 310 MHz (300 mVp-p sine wave), fXIN = 14.4 MHz (300 mVp-p sine wave), 25 kHz comparator fre-
quency, OPR = HIGH, no output load, typ condition : V DD2 = 3.0 V
–
0.003
–
VDD1 standby current
Ist1
Note 3 .
3. V DD1 = 1.0 V, V DD2 = 3.0 V, OPR = LOW , no input/output load (i.e. CLK = DATA = LE = 0 V)
–
0.7
–
µA
VDD2 standby current
Ist2
Note 4 .
4. V DD1 = 0 V, V DD2 = 2.7 to 3.3 V, OPR = LOW , no input/output load (i.e. CLK = DATA = LE = 0 V), typ condition : V DD2 = 3.0 V
–
0.01
10.0
FIN maximum operating input frequency
fmax1
300 mVp-p sine
wave
V DD1 = 0.95 to 1.2 V
3 0 0
–
–
MHz
V DD1 = 1.0 to 1.2 V
3 3 0
–
–
XIN maximum operating input frequency
fmax2
300 mVp-p sine wave (external input)
2 5
–
–
M H z
FIN minimum operating input frequency
fmin1
300 mVp-p sine wave
–
–
4 0
M H z
XIN minimum operating input frequency
fmin2
300 mVp-p sine wave (external input)
–
–
9
M H z
FIN input amplitude
V FIN1
fFIN = 300 MHz, AC coupling
0.3
–
–
Vp-p
V FIN2
fFIN = 330 MHz, V DD1 = 1.0 to 1.2 V,
A C coupling
0.3
–
–
XIN input amplitude
V XIN
fXIN = 25 MHz, AC coupling (external input)
0.3
–
–
Vp-p
OPR, CLK, DATA, LE LOW -level input
voltage
V IL
–
–
0.3
V
OPR, CLK, DATA, LE HIGH-level input
voltage
V IH
V DD2 −
0.3
––
V
FIN LOW -level input current
IIL1
V IL = 0 V
––
6 0
µ A
XIN LOW -level input current
IIL2
––
1 0
µ A
FIN HIGH-level input current
IIH1
V IH = V DD1
––
6 0
µ A
XIN HIGH-level input current
IIH2
––
1 0
µ A
D B L OW -level output voltage
V DOL
Note 5 .
5. DB output is derived from the V DD2 supply. DB-pin condition select bit = (00001)2 , V DD2 = 2.7 to 3.3 V, no load
0.5
V
DB HIGH-level output voltage
V DOH
Note 6 .
6. DB output is derived from the V DD2 supply. DB-pin condition select bit = (11111)2 , V DD2 = 2.7 to 3.3 V, no load
V DD2 −
0.5
V
D O L O W -level output current
IDOL
Note 7 .
7. DO output is derived from the V DD2 supply. V DD2 = 2.7 to 3.3 V, VOL = 0.4 V
1.0
–
–
m A
DO HIGH-level output current
IDOH
Note 8 .
8. DO output is derived from the V DD2 supply. V DD2 = 2.7 to 3.3 V, VOH = V DD2 − 0.4 V
1.0
–
–
m A
D O , DB tristate output high-impedance
leakage current
IOZL
V OL = 0 V
–
–
1 0 0
n A
IOZH
V OH = V DD2
–
–
100
n A
DATA
→ CLK setup time
tSU1
See the timing diagra m s .
2––
µ s
CLK
→ LE setup time
tSU2
2––
µ s
Hold time
tH
2––
µ s
VIH
tSU1
tSU2
VIH
VIH
VIH
tH
DATA
CLK
LE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com