Electronic Components Datasheet Search
  English  ▼

X  

M37271MF-252SP Datasheet(PDF) 34 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 34 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 38Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
34
Time from the falling of the horizontal
synchronizing signal to occurrence of
the start bit
4 ! set value of the start bit position
register ! reference clock period
<<
Fig. 28. Structure of caption position register
(6) Reference Voltage Generating Circuit and
Comparator
The composite video signal clamped by the clamping circuit is input
to the reference voltage generating circuit and the comparator.
1Reference voltage generating circuit
This circuit generates a reference voltage (slice voltage) by using
the amplitude of the clock run-in pulse in line specified by the data
slice line specification circuit. Connect a capacitor between the
VHOLD pin and the VSS pin, and make the length of wiring as short
as possible so that a leakage current may not be generated.
2Comparator
The comparator compares the voltage of the composite video signal
with the voltage (reference voltage) generated in the reference
voltage generating circuit, and converts the composite video signal
into a digital value.
(7) Start Bit Detecting Circuit
This circuit detects a start bit at line decided in the data slice line
specification circuit. For start bit detection, it is possible to select one
of the following two types by using bit 1 of the clock run-in register 2
(address 00E716).
1After the lapse of the time corresponding to the set value of the
start bit position register (address 00E116), the first rising of the
composite video signal is detected as a start bit.
The time is set in bits 0 to 6 of the start bit position register (address
00E116) (refer to Figure 26). Set a value fit for the following
conditions.
Figure 29 shows the structure of the start bit position register.
Time from the falling of the horizontal
synchronizing signal to the last rising
of the clock run-in
Fig. 29. Structure of start bit position register
Caption position register
(CP : address 00E016)
Specification main data slice line
70
100
Fix these bits to “1002”
70
Start bit generating time
Time from a falling of the
horizontal synchronizing signal
to occurrence of a start bit = 4
! set value (“0016” to “7F16”) !
reference clock period
Start bit position register
(SP : address 00E116)
DSC1 bit 7 control bit
0 : Generation of 16 pulses
1 : Generation of 16 pulses and
detection of clock run-in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com