Electronic Components Datasheet Search
  English  ▼

X  

M37271MF-252SP Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
21
Fig. 14. Structure of serial I/O mode register
Internal clock—the serial I/O counter is set to “7” during write cycle
into the serial I/O register (address 021416), and transfer clock goes
“H” forcibly. At each falling edge of the transfer clock after the write
cycle, serial data is output from the SOUT pin. Transfer direction can
be selected by bit 5 of the serial I/O mode register. At each rising
edge of the transfer clock, data is input from the SIN pin and data in
the serial I/O register is shifted 1 bit.
After the transfer clock has counted 8 times, the serial I/O counter
becomes “0” and the transfer clock stops at “H.” At this time the inter-
rupt request bit is set to “1.”
External clock—when an external clock is selected as the clock
source, the interrupt request is set to “1” after the transfer clock has
counted 8 times. However, transfer operation does not stop, so con-
trol the clock externally. Use the external clock of 500kHz or less
with a duty cycle of 50%.
The serial I/O timing is shown in Figure 13. When using an external
clock for transfer, the external clock must be held at “H” for initializing
the serial I/O counter. When switching between an internal clock and
an external clock, do not switch during transfer. Also, be sure to ini-
tialize the serial I/O counter after switching.
Notes 1: On programming, note that the serial I/O counter is set by
writing to the serial I/O register with the bit managing in-
structions as SEB and CLB instructions.
2: When an external clock is used as the synchronizing clock,
write transmit data to the serial I/O register at “H” of the
transfer clock input level.
Fig. 13. Serial I/O timing (for LSB first)
7
Serial I/O mode register
(SM : address 021316)
Internal synchronizing clock
selection bits
b1 b0
0
0 : f(XIN)/8 or f(XCIN)/8
0
1 : f(XIN)/16 or f(XCIN)/16
1
0 : f(XIN)/32 or f(XCIN)/32
1
1 : f(XIN)/64 or f(XCIN)/64
0
0
Synchronizing clock selection bit
0 : External clock
1 : Internal clock
Port function selection bit
0 : P11, P13 functions as port
1 : SCL1, SDA1
Port function selection bit
0 : P12, P14 functions as port
1 : SCL2, SDA2
Transfer direction selection bit
0 : LSB first
1 : MSB first
Fix these bits to “0”
0
Synchroninzing clock
Transfer clock
Serial I/O register
write signal
Serial I/O output
SOUT
D0
D1
D2
D3
D4
D5
D6
D7
(Note)
Serial I/O input
SIN
Note : When an internal clock is selected, the S OUT pin is at high-impedance after transfer is completed.
Interrupt request bit is set to “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com