Electronic Components Datasheet Search
  English  ▼

X  

M37271MF-252SP Datasheet(PDF) 56 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-252SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP Datasheet(HTML) 56 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
56
(5) Field Determination Display
To display the block with vertical dot size of 1/2H, whether an even
field or an odd field is determined through differences in a synchro-
nizing signal waveform of interlacing system. The dot line 0 or 1 (re-
fer to Figure 65) corresponding to the field is displayed alternately.
In the following, the field determination standard for the case where
both the horizontal sync signal and the vertical sync signal are nega-
tive-polarity inputs will be explained. A field determination is deter-
mined by detecting the time from a falling edge of the horizontal sync
signal until a falling edge of the VSYNC control signal (refer to Figure
57) in the microcomputer and then comparing this time with the time
of the previous field. When the time is longer than the comparing
time, it is regarded as even field. When the time is shorter, it is re-
garded as odd field
The contents of this field can be read out by the field determination
flag (bit 7 of the I/O polarity control register at address 021716). A dot
line is specified by bit 6 of the I/O polarity control register (refer to
Figure 65).
However, the field determination flag read out from the CPU is fixed
to “0” at even field or “1” at odd field, regardless of bit 6.
Fig. 64. Structure of I/O polarity control register
0
7
I/O polarity control register
(PC : address 021716)
HSYNC input polarity switch bit
0 : Positive polarity input
1 : Negative polarity input
OUT2 output polarity switch bit
0 : Positive polarity output
1 : Negative polarity output
VSYNC input polarity switch bit
0 : Positive polarity input
1 : Negative polarity input
R/G/B output polarity switch bit
0 : Positive polarity output
1 : Negative polarity output
I1, I2 output polarity switch bit
0 : Positive polarity output
1 : Negative polarity output
OUT1 output polarity switch bit
0 : Positive polarity output
1 : Negative polarity output
Display dot line selection bit (Note)
Field determination flag
0 : Even field
1 : Odd field
Note : Refer to Figure 65.
“
” at odd field
“
” at odd field
1 : “
” at even field
0 : “
” at even field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com