Electronic Components Datasheet Search
  English  ▼

X  

LS12 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # LS12
Description  Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS12 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  LS12 Datasheet HTML 1Page - GOOD-ARK Electronics LS12 Datasheet HTML 2Page - GOOD-ARK Electronics LS12 Datasheet HTML 3Page - GOOD-ARK Electronics LS12 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LS12 thru LS1CH
Surface Mount Schottky Rectifier
Reverse Voltage 20~200V Forward Current 1A
www.goodark.com
3/4
2015.07-Rev.B
Package Outline Dimensions
DIM
MINMAX
MINMAX
A
092
108 0036 0043
Unit: mm
Unit: inch
A
0.92
1.08 0.036 0.043
A1
0
0.1
0.000 0.004
B
1.25
1.45 0.049 0.057
C
0.1
0.25 0.004 0.010
D
2.6
2.8
0.102 0.110
E
4.1
4.3
0.161 0.169
L
0.7
1.1
0.028 0.043
HE
4.8
5.2
0.189 0.205
Soldering  footprint
Packing Information
Packing Information
Packing quantities:
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
21K
84K
13"
10K
20K
180K
Tape & Reel Specification
www.goodark.com
3/4
2015.07-Rev.B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com