Electronic Components Datasheet Search
  English  ▼

X  

LS12 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LS12
Description  Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS12 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LS12 Datasheet HTML 1Page - GOOD-ARK Electronics LS12 Datasheet HTML 2Page - GOOD-ARK Electronics LS12 Datasheet HTML 3Page - GOOD-ARK Electronics LS12 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LS12 thru LS1CH
Surface Mount Schottky Rectifier
Reverse Voltage 20~200V Forward Current 1A
www.goodark.com
1/4
2015.07-Rev.B
Features
• Schottky barrier diodes
• Low forward voltage drop
Ll
k
t
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
eSGB (SMAF)
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies, and other consumer applications.
Maximum Ratings (TA = 25 °C unless otherwise noted)
VRRM
20
40
60
80
90
100
100
150
200
V
VRMS
14
28
42
56
63
70
70
105
140
V
VDC
20
40
60
80
90
100
100
150
200
V
IF(AV)
A
Unit
Maximum DC blocking voltage
Maximum average forward rectified
current
P
k f
d
t83
LS1BH
1.0
Maximum repetitive peak reverse
Maximum RMS voltage
Parameter
Symbol LS12
LS1B5H
LS14 LS16 LS18 LS19 LS1B
LS1CH
IFSM
A
TJ,
TSTG
°C
30
Peak forward surge current 8.3 ms
single half sine-wave superimposed on
rated load
Operating junction and storage
temperature range
- 55 to + 150
Electrical Characteristics (T
A
= 25 °C unless otherwise noted)
Maximum
instantaneous
forward voltage
IF=1A, TA=25℃
VF
0.70
0.90
Volts
TA=25℃
Maximum DC
reverse current at
IR
0.3
LS1B LS1BH LS1B5H
0.81
Electrical Characteristics (T
A
= 25 C unless otherwise noted)
Parameter
Test Conditions Symbol
0.50
LS1CH Unit
LS12 LS14 LS16 LS18 LS19
mA
TA=100℃
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal
resistance
juntion to lead
RθJL1)
℃/W
Note1:Thermal resistance from junction to lead,mounted on PCB with 0.315×0.315〃(8.0×8.0mm)copper pads
rated DC blocking
voltage
IR
10
50
19
mA
www.goodark.com
1/4
2015.07-Rev.B


Similar Part No. - LS12

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS12 CITIZEN-LS12 Datasheet
188Kb / 2P
Non-illuminated/Horizontal Type
logo
Jinan Jing Heng Electro...
LS12 JINGHENG-LS12 Datasheet
74Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
LS12-LFR FRONTIER-LS12-LFR Datasheet
168Kb / 2P
1A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
Micross Components
LS120 MICROSS-LS120 Datasheet
275Kb / 1P
Linear Systems replaces discontinued Intersil IT120
logo
Jinan Jing Heng Electro...
LS120 JINGHENG-LS120 Datasheet
74Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - LS12

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC10CS GOOD-ARK-SGC10CS_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 10A
SGP0120SL1 GOOD-ARK-SGP0120SL1_15 Datasheet
204Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 1A
SGP011BSL GOOD-ARK-SGP011BSL_15 Datasheet
268Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
FSL13 GOOD-ARK-FSL13_15 Datasheet
211Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 30V Forward Current 1A
FS14NS GOOD-ARK-FS14NS_15 Datasheet
212Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
FS12CH GOOD-ARK-FS12CH_15 Datasheet
193Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 1.2A
FS12 GOOD-ARK-FS12_15 Datasheet
203Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
LS3C0 GOOD-ARK-LS3C0_15 Datasheet
199Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 3A
LSL12 GOOD-ARK-LSL12 Datasheet
222Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 1A
logo
AiT Semiconductor Inc.
DS12W AITSEMI-DS12W Datasheet
716Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1A
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com