Electronic Components Datasheet Search
  English  ▼

X  

LS12 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # LS12
Description  Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS12 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  LS12 Datasheet HTML 1Page - GOOD-ARK Electronics LS12 Datasheet HTML 2Page - GOOD-ARK Electronics LS12 Datasheet HTML 3Page - GOOD-ARK Electronics LS12 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LS12 thru LS1CH
Surface Mount Schottky Rectifier
Reverse Voltage 20~200V Forward Current 1A
www.goodark.com
2/4
2015.07-Rev.B
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 4. Typical Reverse Characteristics 
Figure 3. Typical Junction Capacitance
Figure 5. Typical Instantaneous Forward Characteristics 
www.goodark.com
2/4
2015.07-Rev.B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com