Electronic Components Datasheet Search
  English  ▼

X  

SM5838AS Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5838AS
Description  5120 X 8-bit Synchronous FIFO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5838AS Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5838AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SM5838AS
NIPPON PRECISION CIRCUITS—4
AC Characteristics
Input timing
1. All voltages measured with relative to VSS.
2. Input timing input voltage levels are VIL = 0 V and VIH = 3.0/2.5 V (5/3 V supply). Transition time is measured between VIH and VIL.
3. Input signal reference level is VTH = 1.5 V.
4. Input timing ratings measured with tT = 5 ns.
Parameter
Symbol
Condition
5 V supply
3 V supply
Unit
min
typ
max
min
typ
max
Clock cycle time
tCK
30
–
–
50
–
–
ns
Clock pulsewidth
tCKW
13
–
–
23
–
–
ns
Input data setup time
tDS
7––
10
––
ns
Input data hold time
tDH
3––4––
ns
RW and RR setup time
tRS
10
–
–
17
–
–
ns
RW and RR hold time
tRH
0––0––
ns
WE setup time
tWES
13
–
–
23
–
–
ns
WE hold time
tWEH
0––0––
ns
RE setup time
tRES
13
–
–
23
–
–
ns
RE hold time
tREH
0––0––
ns
OE setup time
tOES
10
–
–
17
–
–
ns
OE hold time
tOEH
0––0––
ns
Rise and fall transition times
tT
–
–
30
–
–
30
ns
Normal-voltage (5 V) specification
Low-voltage (3 V) specification
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
CKW
t
RS
t
RS
t
RH
t
RH
t
RW
t
RH
t
RS
t
RH
t
RS
t
RR
t
WEH
t
WEH
t
WES
t
WES
t
RES
t
RES
t
REH
t
REH
t
OEH
t
OEH
t
OES
t
OES
t
DS
t
DS
t
DH
t
DH
t
CLK
RW
RR
WE
RE
OE
DIN
3.0V
0V
5ns
5ns
CKW
t
CK
t
2.5V
0V
5ns
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com