Electronic Components Datasheet Search
  English  ▼

X  

SM5838AS Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5838AS
Description  5120 X 8-bit Synchronous FIFO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5838AS Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5838AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SM5838AS
NIPPON PRECISION CIRCUITS—7
Write Cycle
The input data address is determined by the write
address pointer position. The write address pointer is
reset by RW (write reset cycle), and is incremented
on the rising edge of CLK whenever WE is LOW.
Data input occurs on the rising edge of CLK at the
end of the write cycle.
When WE goes HIGH, write operation is disabled
and the write address pointer stops.
Read Cycle
The output data address is determined by the read
address pointer position. The read address pointer is
reset by RR (read reset cycle), and is incremented on
the rising edge of CLK whenever RE is LOW. Data
output starts tA (max) after the rising edge of CLK at
the start of the read cycle and continues until tOH
(min) after the next rising edge of CLK.
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
WEH
t
WEH
t
WES
t
WES
t
CKW
t
DS
t
DH
t
DH
t
CKW
t
DS
t
WE
CLK
DIN
n cycle
n+2 cycle
disable cycle
n+1 cycle
(n-1)
(n)
(n+1)
(n+2)
RW="H"
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
CKW
t
RES
t
RES
t
REH
t
REH
t
CKW
t
OH
t
OH
t
A
t
A
t
A
t
CLK
RE
DOUT
n cycle
n+2 cycle
disable cycle
n+1 cycle
(n-1)
(n)
(n+1)
(n+2)
RR="H" , OE="L"
When RE goes HIGH, read operation is disabled and
the read address pointer stops.
Note that data being read was written at least 20
write cycles previously (FIFO minimum delay).
Therefore, if (write address pointer)
− (read address
pointer) = 1 to 19, then a possibility exists that data
from the preceding line is output instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com