Electronic Components Datasheet Search
  English  ▼

X  

SM5838AS Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5838AS
Description  5120 X 8-bit Synchronous FIFO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5838AS Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5838AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 14Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SM5838AS
NIPPON PRECISION CIRCUITS—10
High-speed Conversion
For example, an NTSC signal interlace-to-noninter-
lace conversion. If interpolated line data can be
assumed to be similar to the preceding line data and
the write data rate is 14.3 MHz (4fSC), then conver-
sion can be realized by reading twice at 28.6 MHz
(8fSC).
Furthermore, interpolated line data, with appropriate
signal processing separation, can be read out line-by-
line by alternating between 2 SM5838AS devices (1
line/device).
In reality, however, double the number of devices are
required for luminance signal (Y) and color differ-
ence signal (C) systems. And triple the number of
devices are required for RGB signal systems.
Preceding line data used as interpolated line
Interpolated data used as interpolated line
*Output data 867 to 909 forms the preceding 1H data.
*Output data 867 to 909 forms the preceding 1H data.
0123 45
01 2
01
2
0
12
909
909
nH
nH+1H
012345
909
012345
909 *
012345
909 *
0 12345
909
nH-1H
nH
nH
nH+1H
CLK
WE
RW
DIN
RE
OE
RR
DOUT
1819
0123 45
1819
01 2
01
2
0
12
909
909
nH'
nH'+1H
909
909
nH'-1H
nH'
CLK
WE
RW
(B)DIN
(A)RE
(A)OE
(A)RR
(B)DOUT
01
2
0
12
909
909
nH
nH+1H
(A)DIN
012345
0 1 2 3 4 5
0 12345
nH
nH+1H
012345
909 *
909 *
(A)DOUT
(B)RE
(B)OE
(B)RR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com