Electronic Components Datasheet Search
  English  ▼

X  

CHP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CHP
Description  High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHP Datasheet(HTML) 5 Page - Vishay Siliconix

  CHP Datasheet HTML 1Page - Vishay Siliconix CHP Datasheet HTML 2Page - Vishay Siliconix CHP Datasheet HTML 3Page - Vishay Siliconix CHP Datasheet HTML 4Page - Vishay Siliconix CHP Datasheet HTML 5Page - Vishay Siliconix CHP Datasheet HTML 6Page - Vishay Siliconix CHP Datasheet HTML 7Page - Vishay Siliconix CHP Datasheet HTML 8Page - Vishay Siliconix CHP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CHP, HCHP
www.vishay.com
Vishay Sfernice
Revision: 19-May-14
5
Document Number: 52023
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTION: MARKING
Option to order 0013:
Marking of ohmic value and tolerance:
Sizes: 0805 to 1005: 3 digits marking (according to EIA-96)
Sizes: 1206 to 2010: 4 digits marking (same codification than in the ordering procedure)
Tolerance indicated by a color dot.
Option to order 0014:
Marking of ohmic value:
Sizes 0805 to 1005: 3 digits marking (according to EIA-96)
Sizes 1206 to 2010: 4 digits marking (same codification than in the ordering procedure)
No standard marking available for smaller sizes.
A price adder will apply to the unit price of the parts for options 0013 and 0014.
SUGGESTED LAND PATTERN (Option 0063)
CASE SIZE
DIMENSIONS (IN MILLIMETERS)
Zmax.
Gmin.
Xmax.
1206
3.85
0.50
1.86
1505
4.55
0.50
1.38
2010
5.88
0.50
2.77
1020
3.34
0.50
5.31
2208
6.38
0.50
2.18
2512
7.15
0.50
3.43
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
TYPICAL VALUES
AND DRIFTS
Termination adhesion
5N for 10 s
± (0.25 % + 0.05
)
< ± 0.1 %
Resistance to solder heat
Immersion 10 s
in Sn/Pb 60/40
at + 260 °C
± (0.25 % + 0.05
)
< ± 0.1 %
Rapid temperature change
5 cycles
± (0.25 % + 0.05
)
< ± 0.1 %
- 55 °C
+ 155 °C
Climatic sequence
Phase A dry heat
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
± (1 % + 0.05
)
< ± 0.2 %
Humidity (steady state)
56 days
± (1 % + 0.05
)
< ± 0.2 %
Moisture resistance
AEC-Q200
85 °C/85 % RH/Pn/10
1000 h
5 % + 0.05
Max. < 3 % + 0.05
Short time overload
6.25 Pr
for 2 s
± (0.25 % + 0.05
)
< ± 0.1 %
Load life
1000 h at rated power
90’/30’ at + 70 °C
1000 h
± (1 % + 0.05
)
1000 h
< 0.25 %
2000 h
< 0.5 %
10 000 h
< 1 %
G
min.
Z
max.
X
max.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com