Electronic Components Datasheet Search
  English  ▼

X  

CHP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CHP
Description  High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHP Datasheet(HTML) 4 Page - Vishay Siliconix

  CHP Datasheet HTML 1Page - Vishay Siliconix CHP Datasheet HTML 2Page - Vishay Siliconix CHP Datasheet HTML 3Page - Vishay Siliconix CHP Datasheet HTML 4Page - Vishay Siliconix CHP Datasheet HTML 5Page - Vishay Siliconix CHP Datasheet HTML 6Page - Vishay Siliconix CHP Datasheet HTML 7Page - Vishay Siliconix CHP Datasheet HTML 8Page - Vishay Siliconix CHP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CHP, HCHP
www.vishay.com
Vishay Sfernice
Revision: 19-May-14
4
Document Number: 52023
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL HF PERFORMANCE OF HCHP
POPULAR OPTIONS
For any option it is recommended to consult Vishay Sfernice for availability first.
Option: Enlarged terminations: 0063
For stringent and special power dissipation requirements, the thermal resistance between the resistive layer and the solder joint
can be reduced using enlarged terminations chip resistors which are soldered on large and thick copper pads acting as heat
sinks (see application note: 53048 Power Dissipation in High Precision Vishay Sfernice Chip Resistors and Arrays (P Thin Film,
PRA Arrays, CHP Thick Film) www.vishay.com/doc?53048.
Option to order: 0063 (applies to size 1206/1505/1020/2010/2512).
2.0
1.6
1.8
1.2
1.4
1.0
0.8
0.6
0.4
0.2
0
1
10
100
1000
10 000
f (MHz)
Size 0603 (W/A)
100 k
Ω
1 M
Ω
1 k
Ω
10 k
Ω
100
Ω
200
Ω
1
Ω
10
Ω
2.0
1.6
1.8
1.2
1.4
1.0
0.8
0.6
0.4
0.2
0
1
10
100
1000
10 000
f (MHz)
Size 0603 (Flip chip)
100 k
Ω
1 M
Ω
1 k
Ω
10 k
Ω
100
Ω
200
Ω
1
Ω
10
Ω
DIMENSIONS (Option 0063) in millimeters
CASE
SIZE
AB
C
D
E
± 0.152
± 0.127
± 0.127
± 0.127
± 0.127
1206
3.00
1.73
0.38
0.40
1.19
1505
3.70
1.25
0.50
0.50
1.54
2010
5.03
2.64
0.50
0.50
2.20
1020
2.49
5.18
0.50
0.31
0.93
2208
5.53
2.05
0.50
0.50
2.45
2512
6.30
3.30
0.50
0.50
2.84
B
E
D
Enlarged
termination
Uncoated
ceramic
Bottom view for mounting
A
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com