Electronic Components Datasheet Search
  English  ▼

X  

HCHP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HCHP
Description  High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HCHP Datasheet(HTML) 1 Page - Vishay Siliconix

  HCHP Datasheet HTML 1Page - Vishay Siliconix HCHP Datasheet HTML 2Page - Vishay Siliconix HCHP Datasheet HTML 3Page - Vishay Siliconix HCHP Datasheet HTML 4Page - Vishay Siliconix HCHP Datasheet HTML 5Page - Vishay Siliconix HCHP Datasheet HTML 6Page - Vishay Siliconix HCHP Datasheet HTML 7Page - Vishay Siliconix HCHP Datasheet HTML 8Page - Vishay Siliconix HCHP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CHP, HCHP
www.vishay.com
Vishay Sfernice
Revision: 19-May-14
1
Document Number: 52023
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Stability Resistor Chips
(< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
Vishay Sfernice thick film resistor chips are specially
designed to meet very stringent specifications in terms
of reliability, stability < 0.25 % at Pn at + 70 °C during
1000 h, homogeneity, reproducibility and quality.
They
conform
to
specifications
NFC
83-240
and
MIL-R-55342 D.
Evaluated to ESCC 4001/026 (see CHPHR datasheet).
Sputtered Thin Film terminations, with nickel barrier, are
very convenient for high operating conditions. They can
withstand thousands of very severe thermal shocks.
B (W/A), N (W/A), and F (one face) types are for solder reflow
assembly.
G (W/A) and W (one face) types are for wire bonding, gluing
and even high temperature solder reflow.
FEATURES
• CHP:
Standard
passivated
version
for
industrial, professional and military applications
• Robust terminations
• Large ohmic value range 0.1
 to 100 M
• Tight tolerance to 0.5 %
• HCHP: For high frequency applications
• ESCC approved see CHPHR
• High temperature (245 °C) see CHPHT
• SMD wraparound chip resistor
• Halogen-free according to IEC 61249-2-21 definition
• Withstand moisture resistance test of AEC-Q200
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
Notes
(1) Shall be read in conjunction with other tables.
(2) Model CHP0805 being same size than case 0705 with same performances, only codification of CHP0805 remains.
(3) With special assembly care.
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RATED
POWER
Pn
W
LIMITING
ELEMENT
VOLTAGE
V
MAX. OVERLOAD
VOLTAGE
V
RESISTANCE
RANGE (1)
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
UNIT
WEIGHT
mg
CHP0502
HCHP0502
0502
0.050
50
100
0.1 to 25M
0.5, 1, 2, 5
100, 200
1
CHP0505
HCHP0505
0505
0.125
50
100
0.1 to 10M
0.5, 1, 2, 5
100, 200
3
CHP0603
HCHP0603
0603
0.125
50
100
0.1 to 25M
0.5, 1, 2, 5
100, 200
2
CHP0805 (2)
HCHP0805
0805
0.200
150
300
0.1 to 25M
0.5, 1, 2, 5
100, 200
4
CHP1005
HCHP1005
1005
0.250
150
300
0.1 to 50M
0.5, 1, 2, 5
100, 200
5
CHP1206
HCHP1206
1206
0.250
200
400
0.1 to 50M
0.5, 1, 2, 5
100, 200
8
CHP1505
HCHP1505
1505
0.500
200
400
0.1 to 75M
0.5, 1, 2, 5
100, 200
8
CHP2010
HCHP2010
2010
1.000 (3)
200
400
0.1 to 100M
0.5, 1, 2, 5
100, 200
26
CHP1020
HCHP1020
1020
1.000 (3)
200
400
0.1 to 10M
0.5, 1, 2, 5
100, 200
25
CHP2208
HCHP2208
2208
0.750
200
400
0.1 to 100M
0.5, 1, 2, 5
100, 200
21
CHP2512
CHP2512
2512
2.000 (3)
250
500
0.1 to 100M
0.5, 1, 2, 5
100, 200
42
CHP1010
CHP1010
1010
0.500
200
400
0.1 to 25M
0.5, 1, 2, 5
100, 200
12


Similar Part No. - HCHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCHP VISHAY-HCHP Datasheet
159Kb / 9P
High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
24-Jan-18
HCHP-0502K1001-DBT-999 VISHAY-HCHP-0502K1001-DBT-999 Datasheet
159Kb / 9P
High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
24-Jan-18
HCHP-0502K1001-DFT-999 VISHAY-HCHP-0502K1001-DFT-999 Datasheet
159Kb / 9P
High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
24-Jan-18
HCHP-0502K1001-DGT-999 VISHAY-HCHP-0502K1001-DGT-999 Datasheet
159Kb / 9P
High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
24-Jan-18
HCHP-0502K1001-DNT-999 VISHAY-HCHP-0502K1001-DNT-999 Datasheet
159Kb / 9P
High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
24-Jan-18
More results

Similar Description - HCHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTO50 VISHAY-RTO50 Datasheet
121Kb / 4P
Power Resistor, Thick Film Technology
14-Jan-05
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
Power Resistor Thick Film Technology
16-Oct-08
CHPHR VISHAY-CHPHR Datasheet
112Kb / 7P
ESCC 4001/026 Qualified High Stability Thick Film Resistor Chips
19-Nov-14
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
Power Resistor Thick Film Technology
08-Dec-14
RCMT VISHAY-RCMT Datasheet
86Kb / 5P
Molded Metal Film High Stability (< 0.25 % after 1000 h) High Temperature (up to 175 °C) Precision Resistors
12-Sep-14
LTO-50 VISHAY-LTO-50 Datasheet
102Kb / 5P
Power Resistor Thick Film Technology
09-Dec-15
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
Power Resistor Thick Film Technology
08-Dec-2021
CHP VISHAY-CHP_V01 Datasheet
159Kb / 9P
High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
24-Jan-18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com