Electronic Components Datasheet Search
  English  ▼

X  

HCHP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HCHP
Description  High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HCHP Datasheet(HTML) 3 Page - Vishay Siliconix

  HCHP Datasheet HTML 1Page - Vishay Siliconix HCHP Datasheet HTML 2Page - Vishay Siliconix HCHP Datasheet HTML 3Page - Vishay Siliconix HCHP Datasheet HTML 4Page - Vishay Siliconix HCHP Datasheet HTML 5Page - Vishay Siliconix HCHP Datasheet HTML 6Page - Vishay Siliconix HCHP Datasheet HTML 7Page - Vishay Siliconix HCHP Datasheet HTML 8Page - Vishay Siliconix HCHP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CHP, HCHP
www.vishay.com
Vishay Sfernice
Revision: 19-May-14
3
Document Number: 52023
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Refer to Application Note “Guidelines for Vishay Sfernice
Resistive and Inductive Components” (document number:
52029) for recommended reflow profile. Profile #3 applies.
Note
• For temperature up to 215 °C please consult Vishay Sfernice
Note
(1) Improved performance on request
CHIPS FOR HIGH FREQUENCY APPLICATIONS
The HF performance of flip chip and W/A types can be
improved on request.
Please ask for HCHP
POWER DERATING CURVE
PACKAGING
ESD packaging available: Waffle pack and plastic tape and
reel (low conductivity). Paper tapes available on request
(ESD only).
PACKAGING RULES
Waffle Pack
Can be filled up to maximum quantity indicated in the table
here above, taking into account the minimum order quantity.
When quantity ordered exceeds maximum quantity of a
single waffle pack, the waffle packs are stacked up on the
top of each other and closed by one single cover.
To get “not stacked up” waffle pack in case of ordered
quantity > maximum number of pieces per package:
Please consult Vishay Sfernice for specific ordering
code
Tape and Reel
See Part Numbering information to get the quantity desired
by tape.
MECHANICAL SPECIFICATIONS
Substrate
Alumina
Technology
Thick film (ruthenium oxyde)
Protection
Epoxy coating
Terminations
B (W/A):
SnPb over nickel barrier
for solder reflow
N (W/A):
SnAg over nickel barrier
for solder reflow
F (Flip Chip):
SnAg over nickel barrier
for solder reflow
W (one face) and G (W/A) type:
Gold over nickel barrier
for other applications
CLIMATIC SPECIFICATIONS
Operating temperature
range
- 55 °C; + 155 °C
BEST TOL. AND TCR VS. OHMIC VALUE (1)
OHMIC VALUE
RANGE in
TIGHTEST
TOLERANCE
(%)
BEST
TCR
(ppm/°C)
10
 < R < 5M
0.5 % (D)
100 (K)
5
 < R < 10M
1 % (F)
100 (K)
1
 < R < R
max.
2 % (G)
200 (L)
0.1
 < R < R
max.
5 % (J)
200 (L)
SIZE
MOQ
NUMBER OF PIECES PER
TAPE
WIDTH
WAFFLE
PACK
TAPE AND
MIN.
MAX.
0502
100
400
100
4000
8 mm
0505
100
0603
5000
0805
4000
1005
221
1206
140
1505
60
2010
2000
8 mm
1010
100
2500
8 mm
2208
60
4000
8 mm
1020
60
1000
8 mm
2512
50
2000
8 mm
070
20
40
60
80
100
120
140 155
0
20
40
60
80
100
Ambient Temperature in °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com