Electronic Components Datasheet Search
  English  ▼

X  

HCHP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HCHP
Description  High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HCHP Datasheet(HTML) 2 Page - Vishay Siliconix

  HCHP Datasheet HTML 1Page - Vishay Siliconix HCHP Datasheet HTML 2Page - Vishay Siliconix HCHP Datasheet HTML 3Page - Vishay Siliconix HCHP Datasheet HTML 4Page - Vishay Siliconix HCHP Datasheet HTML 5Page - Vishay Siliconix HCHP Datasheet HTML 6Page - Vishay Siliconix HCHP Datasheet HTML 7Page - Vishay Siliconix HCHP Datasheet HTML 8Page - Vishay Siliconix HCHP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CHP, HCHP
www.vishay.com
Vishay Sfernice
Revision: 19-May-14
2
Document Number: 52023
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters (inches)
CASE
SIZE
AB
C
D/E
VALUE
TOL.
VALUE
TOL.
VALUE
TOL.
VALUE
TOL.
0502
1.27 (0.050)
0.152 (0.006)
0.60 (0.024)
0.127 (0.005)
0.5 (0.020)
0.127 (0.005)
0.38 (0.015)
0.127 (0.005)
0505
1.27 (0.050)
0.152 (0.006)
1.27 (0.050)
0.127 (0.005)
0.5 (0.020)
0.127 (0.005)
0.38 (0.015)
0.127 (0.005)
0603
1.52 (0.060)
0.152 (0.006)
0.85 (0.033)
0.127 (0.005)
0.5 (0.020)
0.127 (0.005)
0.38 (0.015)
0.127 (0.005)
0805
1.91 (0.075)
0.152 (0.006)
1.27 (0.050)
0.127 (0.005)
0.5 (0.020)
0.127 (0.005)
0.38 (0.015)
0.127 (0.005)
1005
2.54 (0.100)
0.152 (0.006)
1.27 (0.050)
0.127 (0.005)
0.5 (0.020)
0.127 (0.005)
0.38 (0.015)
0.127 (0.005)
1206
3.05 (0.120)
0.152 (0.006)
1.70(0.067)
0.127 (0.005)
0.5 (0.020)
0.127 (0.005)
0.38 (0.015)
0.127 (0.005)
1505
3.81 (0.150)
0.152 (0.006)
1.32 (0.052)
0.127 (0.005)
0.5 (0.020)
0.127 (0.005)
0.38 (0.015)
0.127 (0.005)
2010
5.08 (0.200)
0.152 (0.006)
2.54 (0.100)
0.127 (0.005)
0.5 (0.020)
0.127 (0.005)
0.38 (0.015)
0.127 (0.005)
1020
2.54 (0.100)
0.152 (0.006)
5.08 (0.200)
0.127 (0.005)
0.5 (0.020)
0.127 (0.005)
0.38 (0.015)
0.127 (0.005)
2208
5.58 (0.220)
0.152 (0.006)
2.00 (0.079)
0.127 (0.005)
0.5 (0.020)
0.127 (0.005)
0.38 (0.015)
0.127 (0.005)
2512
6.35 (0.250)
0.152 (0.006)
3.30 (0.130)
0.127 (0.005)
0.5 (0.020)
0.127 (0.005)
0.38 (0.015)
0.127 (0.005)
1010
2.54 (0.100)
0.152 (0.006)
2.54 (0.100)
0.127 (0.005)
0.5 (0.020)
0.127 (0.005)
0.38 (0.015)
0.127 (0.005)
SUGGESTED LAND PATTERN (to IPC-7351A)
CASE SIZE
DIMENSION IN MM (INCHES)
ZMAX.
GMIN.
XMAX.
0502
1.82 (0.072)
0.10 (0.004)
0.73 (0.029)
0505
1.82 (0.072)
0.10 (0.004)
1.40 (0.055)
0603
2.37 (0.093)
0.35 (0.014)
0.98 (0.038)
0805
2.76 (0.109)
0.74 (0.029)
1.40 (0.055)
1005
3.39 (0.134)
1.37 (0.054)
1.40 (0.055)
1206
3.90 (0.154)
1.88 (0.074)
1.73 (0.068)
1505
4.66 (0.184)
2.64 (0.104)
1.45 (0.057)
2010
5.93 (0.234)
3.91 (0.154)
2.67 (0.105)
1020
3.39 (0.134)
1.37 (0.054)
5.21 (0.205)
2208
6.43 (0.253)
4.41 (0.174)
2.04 (0.080)
2512
7.20 (0.284)
5.18 (0.204)
3.19 (0.125)
1010
3.39 (0.134)
1.37 (0.054)
2.67 (0.105)
A
D
D
C
A
D
D
C
E
E
B
G
min.
Z
max.
X
max.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com