Electronic Components Datasheet Search
  English  ▼

X  

CHPFR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CHPFR
Description  ESCC 4001/026 Qualified R Failure Rate High Precision Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHPFR Datasheet(HTML) 2 Page - Vishay Siliconix

  CHPFR Datasheet HTML 1Page - Vishay Siliconix CHPFR Datasheet HTML 2Page - Vishay Siliconix CHPFR Datasheet HTML 3Page - Vishay Siliconix CHPFR Datasheet HTML 4Page - Vishay Siliconix CHPFR Datasheet HTML 5Page - Vishay Siliconix CHPFR Datasheet HTML 6Page - Vishay Siliconix CHPFR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CHPFR
www.vishay.com
Vishay Sfernice
Revision: 19-Nov-14
2
Document Number: 52033
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL HF PERFORMANCE OF HCHP
POWER DERATING CURVE
PACKAGING
Waffle-pack or tape and reel when specified
Note
(1) MOQ for tape and reel: 50 pieces
SUGGEESTED LAND PATTERN (please refer to IPC-7351A)
CLIMATIC SPECIFICATIONS
Operating temperature range
-55 °C; +155 °C
Soldering temperature (Tsol)
Thick film (ruthenium oxyde)
2.0
1.6
1.8
1.2
1.4
1.0
0.8
0.6
0.4
0.2
0
1
10
100
1000
10 000
f (MHz)
Size 0603 (W/A)
100 k
Ω
1 M
Ω
1 k
Ω
10 k
Ω
100
Ω
200
Ω
1
Ω
10
Ω
070
20
40
60
80
100
120
140 155
0
20
40
60
80
100
Ambient Temperature in °C
MECHANICAL SPECIFICATIONS
Substrate
Alumina
Technology
Thick film (ruthenium oxyde)
Protection
Epoxy coating
Terminations
B (W/A): SnPb over nickel
barrier for solder reflow
G (W/A) type: Gold over nickel
barrier for gluing
SIZE
NUMBER OF PIECES PER PACKAGE
TAPE
WIDTH
WAFFLE
PACK
2" x 2"
TAPE AND REEL (1)
MIN.
MAX.
0603
100
100
5000
8 mm
0805
4000
1206
140
2010
60
2000
8 mm
2512
45
CHIP SIZE
Zmax.
Gmin.
Xmax.
0603
2.38
0.34
0.98
0805
2.77
0.73
1.40
1206
3.91
1.87
1.73
2010
5.94
3.64
2.67
2512
7.21
4.91
3.32
G
min.
Z
max.
X
max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com