Electronic Components Datasheet Search
  English  ▼

X  

CHPFR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CHPFR
Description  ESCC 4001/026 Qualified R Failure Rate High Precision Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHPFR Datasheet(HTML) 3 Page - Vishay Siliconix

  CHPFR Datasheet HTML 1Page - Vishay Siliconix CHPFR Datasheet HTML 2Page - Vishay Siliconix CHPFR Datasheet HTML 3Page - Vishay Siliconix CHPFR Datasheet HTML 4Page - Vishay Siliconix CHPFR Datasheet HTML 5Page - Vishay Siliconix CHPFR Datasheet HTML 6Page - Vishay Siliconix CHPFR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CHPFR
www.vishay.com
Vishay Sfernice
Revision: 19-Nov-14
3
Document Number: 52033
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) At Tamb > +70 °C derate linearly to 0 W at Tamb = +155 °C.
(2) Restrictions might apply depending on ohmic value please refer to Table 1
TABLE 1
Notes
(3) Shall never exceed limiting element voltage. Rn = Rated resistance.
(4) Duration 10 s maximum.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
Rn
POWER
RATING (1)
W
TOLERANCE (2)
± %
TEMPERATURE
COEFFICIENT (2)
(± 10-6/°C)
CRITICAL
RESISTANCE
k
TERMINAL
MATERIAL
AND FINISH
CHPFR
0603
1 to 10M
0.1
1, 2, 5
100, 200
25
E4
CHPFR
0805
1 to 10M
0.2
1, 2, 5
100, 200
50
E4
CHPFR
1206
1 to 10M
0.25
1, 2, 5
100, 200
160
E4
CHPFR
2010
1 to 10M
0.5
1, 2, 5
100, 200
180
E4
CHPFR
2512
1 to 10M
0.8
1, 2, 5
100, 200
112.5
E4
CHPFR
0603
1 to 10M
0.1
1, 2, 5
100, 200
25
E2
CHPFR
0805
1 to 10M
0.2
1, 2, 5
100, 200
50
E2
CHPFR
1206
1 to 10M
0.25
1, 2, 5
100, 200
160
E2
CHPFR
2010
1 to 10M
0.5
1, 2, 5
100, 200
180
E2
CHPFR
2512
1 to 10M
0.8
1, 2, 5
100, 200
112.5
E2
RESISTANCE
(
)
VALUE SERIES
AVAILABLE TOLERANCE
(± %)
AVAILABLE TEMPERATURE
COEFFICIENT
(± 10-6/°C)
1
 R
n < 10
Any value in the resistance range
to 3 significant figures
2, 5
200
10
 R
n < 1M
1, 2, 5
100, 200
1M
 R
n < 10M
2, 5
200
MAXIMUM RATINGS
CHARACTERISTICS
VARIANT
NUMBER
STYLE
SYMBOLS
LIMITS
UNITS
REMARKS
Limiting element voltage
11, 16
0603
UL
50
V-
12, 17
0805
100
13, 18
1206
200
14, 19
2010
300
15, 20
2512
300
Rated voltage
All
All
UR
V
(3)
Isolation voltage
11, 16
0603
UI
100
V-
12, 17
0805
200
13, 18
1206
300
14, 19
2010
300
15, 20
2512
300
Operating temperature range
All
All
Top
-65 to +155
°C
Tamb
Storage temperature range
All
All
Tstg
-65 to +155
°C
-
Soldering temperature
All
All
Tsol
+260
°C
(4)
Maximum weight
11, 16
0603
0.002
g-
12, 17
0805
0.004
13, 18
1206
0.008
14, 19
2010
0.026
15, 20
2512
0.042
P
n x Rn




Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com