Electronic Components Datasheet Search
  English  ▼

X  

CHPFR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CHPFR
Description  ESCC 4001/026 Qualified R Failure Rate High Precision Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHPFR Datasheet(HTML) 4 Page - Vishay Siliconix

  CHPFR Datasheet HTML 1Page - Vishay Siliconix CHPFR Datasheet HTML 2Page - Vishay Siliconix CHPFR Datasheet HTML 3Page - Vishay Siliconix CHPFR Datasheet HTML 4Page - Vishay Siliconix CHPFR Datasheet HTML 5Page - Vishay Siliconix CHPFR Datasheet HTML 6Page - Vishay Siliconix CHPFR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHPFR
www.vishay.com
Vishay Sfernice
Revision: 19-Nov-14
4
Document Number: 52033
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• MOQ for tape and reel: 50 pieces
PERFORMANCE
TEST
CONDITIONS
LIMITS REQUIRED BY THE
ESCC4001/026 SPECIFICATION
Insulation resistance
ESCC4001 § 8.3.1.2 V = 100 V
1000 M
Low temperature electrical measurement
ESCC4001 § 8.3.1.1
TC = 100 ppm/°C
TC = 200 ppm/°C
± 0.8 %
± 1.6 %
High temperature electrical measurement
ESCC4001 § 8.3.3
TC = 100 ppm/°C
TC = 200 ppm/°C
± 1.36 %
± 2.72 %
Rapid change of temperature
ESCC4001 § 8.8
± 0.25 + (0.05
 x 100/R
n) %
Robustness of terminations
ESCC4001 § 8.11.2
± 0.25 + (0.05
 x 100/R
n) %
Resistance to solder heat
ESCC4001 § 8.12
± 0.5 + (0.05
 x 100/R
n) %
Climatic sequence
ESCC4001 § 8.10
± 1 + (0.05
 x 100/R
n) %
Load life
ESCC4001 § 8.13
1000 h
2000 h
± 1.5 + (0.05
 x 100/R
n) %
± 2.5 + (0.05
 x 100/R
n) %
GLOBAL PART NUMBER INFORMATION
LIMITED TO 18 DIGITS: If more digits are necessary a cofication of some digits might be necessary
GLOBAL MODEL
SIZE
TCR
VALUE
TOLERANCE
TERMINATION
PACKAGING
CHPFR
0603
0805
1206
2010
2512
K = 100 ppm
L = 200 ppm
The first 3 digits are
significant figures and
the last digit specifies the
number of zeros to follow.
Example:
1R50 = 1.5
22R1 = 22.1
3901 = 3900
1004 = 1 M
F = ± 1 %
G = ± 2 %
J = ± 5 %
B: SnPb over
nickel barrier
G: Gold
For more
information
see
Codification
of Packaging
table
GLOBAL PART NUMBER INFORMATION
ESCC Code: 400102613R1003F4
ESCC SPEC
VARIANT
FAILURE RATE
RESISTANCE VALUE
TOLERANCE
TEMPERATURE
COEFFICIENT
4001023
0603 = 11, 16
0805 = 12, 17
1206 = 13, 18
2010 = 14, 19
2512 = 15, 20
R
The first 3 digits are
significant figures and
the last digit specifies the
number of zeros to follow.
Example:
3901 = 3900
1004 = 1 M
F = ± 1 %
G = ± 2 %
J = ± 5 %
4 = 100 ppm/°C
6 = 200 ppm/°C
CROSS REFERENCE BETWEEN ESA PART NUMBER AND VISHAY PART NUMBER
ESA PART NUMBER
VISHAY PART NUMBER
EXPLANATIONS
4001026131003F4
CHPFR1206K1003FB
4001026 =
CHPFR
13 = 1206 with
B terminations
1003 = 1003
(100 k
)
F = F
(tol. 1 %)
4 = K
(TCR 100 ppm/°C)
H
P
F
R
06
03
K
C
1001
F
BT
40010
2613
R1
0
0
3
F
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com